Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC6101/LTC6101HV
8
6101fh
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
6101 G19
160
140
120
100
80
60
40
20
0
RIN = 100
ROUT = 10k
COUT = 5pF
GAIN = 100
IOUTDC = 100μA
VINAC = 50mVp
LTC6101HV,
V+ = 5V
LTC6101,
LTC6101HV,
V+ = 12V
LTC6101,
V+ = 4V
V
+
V
+-100mV
5V
0V
TIME (10μs/DIV)
6101 G14
VOUT
CLOAD = 1000pF
CLOAD = 10pF
VSENSE
–
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
V
+
V
+-100mV
5V
0V
TIME (100μs/DIV)
6101 G15
VOUT
VSENSE
–
TA = 25°C
V
+ = 12V
CLOAD = 2200pF
RIN = 100
ROUT = 5k
VSENSE
+ = V+
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6101 G16
VOUT
VSENSE
–
ΔVSENSE
– =100mV
IOUT = 100μA
IOUT = 0
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6101 G17
VOUT
ΔVSENSE
– =100mV
IOUT = 100μ
IOUT = 0
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
Step Response Falling Edge
Step Response 100mV
Step Response 100mV
Step Response Rising Edge
PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com