Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology LTC1921 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC6101/LTC6101HV
9
6101fh
BLOCK DIAGRAM
OUT: Current Output. OUT will source a current that is
proportional to the sense voltage into an external resistor.
V–:
Negative Supply (or Ground for Single-Supply
Operation).
–IN: The internal sense amplifier will drive IN– to the same
potential as IN+. A resistor (RIN) tied from V+ to IN– sets
the output current IOUT = VSENSE/RIN. VSENSE is the voltage
developed across the external RSENSE (Figure 1).
+IN: Must be tied to the system load end of the sense
resistor, either directly or through a resistor.
V+:
Positive Supply Pin. Supply current is drawn through
this pin. The circuit may be configured so that the
LTC6101 supply current is or is not monitored along
with the system load current. To monitor only system
load current, connect V+ to the more positive side of the
sense resistor. To monitor the total current, including the
LTC6101 current, connect V+ to the more negative side
of the sense resistor.
The LTC6101 high side current sense amplifier (Figure 1)
provides accurate monitoring of current through a user-
selected sense resistor. The sense voltage is amplified by
a user-selected gain and level shifted from the positive
power supply to a ground-referred output. The output
signal is analog and may be used as is or processed with
an output filter.
Theory of Operation
An internal sense amplifier loop forces IN– to have the
same potential as IN+. Connecting an external resis-
tor, RIN, between IN– and V+ forces a potential across
RIN that is the same as the sense voltage across
RSENSE. A corresponding current, VSENSE/RIN, will
flow through RIN. The high impedance inputs of the
sense amplifier will not conduct this input current,
so it will flow through an internal MOSFET to the output pin.
The output current can be transformed into a voltage by
adding a resistor from OUT to V–. The output voltage is
then VO = V– + IOUT • ROUT.
V+
V–
10V
OUT
6101 BD
LTC6101/LTC6101HV
VBATTERY
IOUT
VSENSE
RSENSE
ILOAD
ROUT
RIN
–
+
L
O
A
D
VOUT = VSENSE x
ROUT
RIN
5k
5k
10V
–IN
+IN
Figure 1. LTC6101/LTC6101HV Block Diagram and Typical Connection
APPLICATIONS INFORMATION
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com