Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology LTC1921 Datasheet HTML 13Page - Linear Technology LTC1921 Datasheet HTML 14Page - Linear Technology LTC1921 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC6101/LTC6101HV
11
6101fh
APPLICATIONS INFORMATION
6101 F03b
–
+
–
+
–
+
R5
7.5k
VIN
301
301
VOUT
ILOAD
LTC6101
RSENSE LO
100m
M1
Si4465
10k
CMPZ4697
7.5k
VIN
1.74M
4.7k
Q1
CMPT5551
40.2k
3
4
5
6
1
2
8
7
619k
HIGH
RANGE
INDICATOR
(ILOAD > 1.2A)
VLOGIC
(3.3V TO 5V)
LOW CURRENT RANGE OUT
2.5V/A
(V
LOGIC +5V
) ≤ V
IN ≤ 60V
0 ≤ ILOAD ≤ 10A
HIGH CURRENT RANGE OUT
250mV/A
301
301
LTC6101
RSENSE HI
10m
VLOGIC
BAT54C
LTC1540
V+
V–
OUT
–IN
+IN
V+
V–
OUT
–IN
+IN
Selection of External Input Resistor, RIN
The external input resistor, RIN, controls the transconduc-
tance of the current sense circuit. Since IOUT = VSENSE/RIN,
transconductance gm = 1/RIN. For example, if RIN = 100,
then IOUT = VSENSE/100 or IOUT = 1mA for VSENSE = 100mV.
RIN should be chosen to allow the required resolution
while limiting the output current. At low supply voltage,
IOUT may be as much as 1mA. By setting RIN such that
the largest expected sense voltage gives IOUT = 1mA, then
the maximum output dynamic range is available. Output
dynamic range is limited by both the maximum allowed
output current and the maximum allowed output voltage, as
well as the minimum practical output signal. If less dynamic
range is required, then RIN can be increased accordingly,
reducing the max output current and power dissipation.
If low sense currents must be resolved accurately in a
system that has very wide dynamic range, a smaller RIN
than the max current spec allows may be used if the max
current is limited in another way, such as with a Schottky
diode across RSENSE (Figure 3a). This will reduce the high
current measurement accuracy by limiting the result, while
increasing the low current measurement resolution.
Figure 3b. Dual LTC6101s Allow High-Low Current Ranging
V+
LOAD
DSENSE
6101 F03a
RSENSE
Figure 3a. Shunt Diode Limits Maximum Input Voltage to Allow
Better Low Input Resolution Without Overranging
This approach can be helpful in cases where occasional
large burst currents may be ignored. It can also be used
in a multirange configuration where a low current circuit
is added to a high current circuit (Figure 3b). Note that
a comparator (LTC1540) is used to select the range, and
transistor M1 limits the voltage across RSENSE LO.
Care should be taken when designing the board layout
for RIN, especially for small RIN values. All trace and inter-
connect impedances will increase the effective RIN value,
causing a gain error. In addition, internal device resistance
will add approximately 0.2Ω to RIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com