Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 14Page - Linear Technology LTC1921 Datasheet HTML 15Page - Linear Technology LTC1921 Datasheet HTML 16Page - Linear Technology LTC1921 Datasheet HTML 17Page - Linear Technology LTC1921 Datasheet HTML 18Page - Linear Technology LTC1921 Datasheet HTML 19Page - Linear Technology LTC1921 Datasheet HTML 20Page - Linear Technology LTC1921 Datasheet HTML 21Page - Linear Technology LTC1921 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC6101/LTC6101HV
18
6101fh
6101 TA08
LTC6101HV
RIN
V–
V–
VSENSE
RSENSE
ISENSE
LOAD
+
–
–+
VOUT = VLOGIC – ISENSE •
• N • ROUT
RSENSE
RIN
N = OPTOISOLATOR CURRENT GAIN
VS
ANY OPTOISOLATOR
ROUT
VOUT
VLOGIC
V+
V–
OUT
–IN
+IN
6101 TA09
LTC6101
RIN
100Ω
VOUT
ROUT
4.99k
L
O
A
D
–
+
VOUT =
• VSENSE = 49.9 VSENSE
ROUT
RIN
M1 AND M2 ARE FQD3P50 TM
M1
M2
62V
CMZ5944B
500V
2M
VSENSE
RSENSE
ISENSE
+–
DANGER! Lethal Potentials Present — Use Caution
DANGER!!
HIGH VOLTAGE!!
V+
V–
OUT
–IN
+IN
48V Supply Current Monitor with Isolated Output with 105V Survivability
Simple 500V Current Monitor
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com