Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC6101/LTC6101HV
6
6101fh
TYPICAL PERFORMANCE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6101C/LTC6101HVC are guaranteed to meet specified
performance from 0°C to 70°C. The LTC6101C/LTC6101HVC are designed,
characterized and expected to meet specified performance from –40°C to
85°C but are not tested or QA sampled at these temperatures. LTC6101I/
LTC6101HVI are guaranteed to meet specified performance from –40°C
to 85°C. The LTC6101H/LTC6101HVH are guaranteed to meet specified
performance from –40°C to 125°C.
Note 3: ROUT = 10k for 6V ≤ VS ≤ 100V, ROUT = 2k for VS = 4V.
LTC6101: IOUT Maximum
vs Temperature
Input VOS vs Temperature
Input VOS vs Supply Voltage
Input Sense Range
LTC6101: VOUT Maximum
vs Temperature
LTC6101HV: VOUT Maximum
vs Temperature
440
10
20
30
50
100
60
70
80
90
VSUPPLY (V)
2.5
2
1.5
1
0.5
0
6101 G05
TA = 125°C
TA = 85°C
TA = 70°C
TA = 0°C
TA = –40°C
RIN = 3k
ROUT = 3k
TA = 25°C
LTC6101
LTC6101HV
TEMPERATURE (°C)
12
10
8
6
4
2
0
–40
40
80
120
100
–20
6101 G06
020
60
VS = 60V
VS = 12V
VS = 6V
VS = 4V
TEMPERATURE (°C)
7
6
5
4
3
2
1
0
–40
40
80
120
100
–20
6101 G07
020
60
VS = 12V
VS = 60V
VS = 6V
VS = 4V
800
600
400
200
0
–200
–400
–600
–800
–1000
6101 G01
TEMPERATURE (°C)
–40
120
040
80
–20
20
60
100
A GRADE
B GRADE
C GRADE
RIN = 100
ROUT = 5k
VIN = 5mV
REPRESENTATIVE
UNITS
TEMPERATURE (°C)
12
10
8
6
4
2
0
–40
40
80
120
100
–20
6101 G20
020
60
VS = 100V
VS = 12V
VS = 5V
VS = 6V
VS = 4V
VSUPPLY (V)
40
20
0
–20
–40
–60
–80
–100
–120
–140
6101 G02
432
11
18
25
39
46
53
60
RIN = 100
ROUT = 5k
VIN = 5mV
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = 0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com