Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 1 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC6101/LTC6101HV
1
6101fh
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage,
High-Side Current Sense
Amplifier in SOT-23
TO μP
6101 TA01
LTC2433-1
LTC6101HV
ROUT
4.99k
RIN
100Ω
VOUT
V+
V–
OUT
–IN
+IN
VSENSE
ILOAD
5V TO 105V
1μF
5V
L
O
A
D
–
+
–
+
VOUT =
• VSENSE = 49.9VSENSE
ROUT
RIN
16-Bit Resolution Unidirectional Output into LTC2433 ADC
Step Response
5.5V
5V
0.5V
0V
500ns/DIV
6101 TA01b
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
VOUT
VSENSE
–
ΔVSENSE
– = 100mV
IOUT = 100μA
IOUT = 0
The LTC®6101/LTC6101HV are versatile, high voltage, high
side current sense amplifiers. Design flexibility is provided
by the excellent device characteristics; 300μV Max offset
and only 375μA (typical at 60V) of current consumption.
The LTC6101 operates on supplies from 4V to 60V and
LTC6101HV operates on supplies from 5V to 100V.
The LTC6101 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to
be translated into a ground referenced signal. Low DC
offset allows the use of a small shunt resistor and large
gain-setting resistors. As a result, power loss in the shunt
is reduced.
The wide operating supply range and high accuracy make
the LTC6101 ideal for a large array of applications from
automotive to industrial and power management. A maxi-
mum input sense voltage of 500mV allows a wide range
of currents to be monitored. The fast response makes the
LTC6101 the perfect choice for load current warnings and
shutoff protection control. With very low supply current,
the LTC6101 is suitable for power sensitive applications.
The LTC6101 is available in 5-lead SOT-23 and 8-lead
MSOP packages.
n Current Shunt Measurement
n Battery Monitoring
n Remote Sensing
n Power Management
n Supply Range:
5V to 100V, 105V Absolute Maximum (LTC6101HV)
4V to 60V, 70V Absolute Maximum (LTC6101)
n Low Offset Voltage: 300μV Max
n Fast Response: 1μs Response Time (0V to 2.5V on
a 5V Output Step)
n Gain Configurable with 2 Resistors
n Low Input Bias Current: 170nA Max
n PSRR: 118dB Min
n Output Current: 1mA Max
n Low Supply Current: 250μA, VS = 12V
n Specified Temperature Range: –40°C to 125°C
n Operating Temperature Range: –55°C to 125°C
n Low Profile (1mm) SOT-23 (ThinSOT™) Package
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LTC1921

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1921 LINER-LTC1921 Datasheet
177Kb / 12P
Dual .48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
174Kb / 12P
Dual -48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
233Kb / 14P
Ultralow Power Quad
LTC1921 LINER-LTC1921 Datasheet
180Kb / 12P
Dual 48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LTC1921

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
Linear Technology
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
High Voltage, High Side, Bi-Directional Current Sense Amplifier
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
High side current sense high voltage op amp
06-Mar-2014
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
High side current sense high voltage op amp
06-Mar-2014
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com