Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 12Page - Linear Technology LTC1921 Datasheet HTML 13Page - Linear Technology LTC1921 Datasheet HTML 14Page - Linear Technology LTC1921 Datasheet HTML 15Page - Linear Technology LTC1921 Datasheet HTML 16Page - Linear Technology LTC1921 Datasheet HTML 17Page - Linear Technology LTC1921 Datasheet HTML 18Page - Linear Technology LTC1921 Datasheet HTML 19Page - Linear Technology LTC1921 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC6101/LTC6101HV
16
6101fh
TYPICAL APPLICATIONS
Bidirectional Current Sense Circuit with Separate Charge/Discharge Output
LTC6101 Monitors Its Own Supply Current
High-Side-Input Transimpedance Amplifier
L
O
A
D
CHARGER
–
+
– +
+
–
+
–
VOUT D = IDISCHARGE • RSENSE
(
) WHEN IDISCHARGE ≥ 0
DISCHARGING:
ROUT D
RIN D
VOUT C = ICHARGE • RSENSE
(
) WHEN ICHARGE ≥ 0
CHARGING:
ROUT C
RIN C
6101 TA02
VBATT
RIN C
100
LTC6101
RIN D
100
RIN C
100
LTC6101
VOUT D
ROUT D
4.99k
ROUT C
4.99k
VOUT C
RIN D
100
IDISCHARGE
RSENSE
ICHARGE
V+
V–
OUT
–IN
+IN
V+
V–
OUT
–IN
+IN
L
O
A
D
–
+
6101 TA03
R2
4.99k
VOUT
R1
100
VBATT
RSENSE
LTC6101
+
–
VOUT = 49.9 • RSENSE
(I
LOAD + ISUPPLY
)
ILOAD
ISUPPLY
V+
V–
OUT
–IN
+IN
–
+
6101 TA04
RL
VO
4.75k
4.75k
VS
LASER MONITOR
PHOTODIODE
CMPZ4697*
(10V)
10k
iPD
LTC6101
VO = IPD • RL
*VZ SETS PHOTODIODE BIAS
VZ + 4 ≤ VS ≤ VZ + 60
V+
V–
OUT
–IN
+IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com