Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 4 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9433
Rev. A | Page 4 of 20
Test
105 MSPS
125 MSPS
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Logic 1 Voltage
Full
VI
VDD − 0.05
VDD − 0.05
V
Logic 0 Voltage
Full
VI
0.05
0.05
V
Output Coding
Twos complement or offset binary
Twos complement or offset binary
1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 2.5 V external reference and a 2 V p-p differential analog input).
2 SFDR mode disabled (SFDR MODE = GND) for DNL and INL specifications.
3 Power dissipation measured with rated encode and a dc analog input (outputs static, IVDD = 0). IVCC and IVDD measured with 10.3 MHz analog input @ −0.5 dBFS.
AC SPECIFICATIONS
VDD = 3.3 V, VCC = 5 V; differential encode input, unless otherwise noted.
Table 2.
Test
105 MSPS
125 MSPS
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE1
Signal-to-Noise Ratio (SNR) (Without Harmonics)
fIN = 10.3 MHz
25°C
I
66.5
68.0
66.0
67.7
dB
fIN = 49 MHz
25°C
I
65.5
67.5
64.0
66.0
dB
fIN = 70 MHz
25°C
V
67.0
65.4
dB
fIN = 150 MHz
25°C
V
65.4
62.0
dB
fIN = 250 MHz
25°C
V
63.7
60.0
dB
Signal-to-Noise and Distortion (SINAD) Ratio
(with Harmonics)
fIN = 10.3 MHz
25°C
I
66.0
68.0
65.0
67.0
dB
fIN = 49 MHz
25°C
I
64.0
67.5
63.5
65.5
dB
fIN = 70 MHz
25°C
V
66.9
64.5
dB
fIN = 150 MHz
25°C
V
64.0
61.5
dB
fIN = 250 MHz
25°C
V
61.2
57.7
dB
Effective Number of Bits (ENOB)
fIN = 10.3 MHz
25°C
I
11.1
10.9
Bits
fIN = 49 MHz
25°C
I
11.0
10.7
Bits
fIN = 70 MHz
25°C
V
10.9
10.6
Bits
fIN = 150 MHz
25°C
V
10.4
10.0
Bits
fIN = 250 MHz
25°C
V
9.9
9.4
Bits
Second-Order and Third-Order Harmonic
Distortion
fIN = 10.3 MHz
25°C
I
−78
−85
−76
−85
dBc
fIN = 49 MHz
25°C
I
−73
−80
−72
−76
dBc
fIN = 70 MHz
25°C
V
−83
−78
dBc
fIN = 150 MHz
25°C
V
−72
−67
dBc
fIN = 250 MHz
25°C
V
−67
−65
dBc
Worst Other Harmonic or Spur (Excluding
Second-Order and Third-Order Harmonics)
fIN = 10.3 MHz
25°C
I
−88
−92
−84
−90
dBc
fIN = 49 MHz
25°C
I
−82
−89
−82
−87
dBc
fIN = 70 MHz
25°C
V
−87
−85
dBc
fIN = 150 MHz
25°C
V
−87
−84
dBc
fIN = 250 MHz
25°C
V
−85
−76
dBc
Two-Tone Intermodulation Distortion (IMD3)
fIN1 = 49.3 MHz; fIN2 = 50.3 MHz
25°C
V
−92
−90
dBc
fIN1 = 150 MHz; fIN2 = 151 MHz
25°C
V
−80
−76
dBc
1 SNR/harmonics based on an analog input voltage of −0.5 dBFS referenced to a 2 V full-scale input range. Harmonics are specified with the SFDR mode enabled
(SFDR MODE = 5 V). SNR/SINAD specified with the SFDR mode disabled (SFDR MODE = ground).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com