Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices AD9433 Datasheet HTML 15Page - Analog Devices AD9433 Datasheet HTML 16Page - Analog Devices AD9433 Datasheet HTML 17Page - Analog Devices AD9433 Datasheet HTML 18Page - Analog Devices AD9433 Datasheet HTML 19Page - Analog Devices AD9433 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD9433
Rev. A | Page 17 of 20
THEORY OF OPERATION
The AD9433 is a 12-bit pipeline converter that uses a switched-
capacitor architecture. Optimized for high speed, this converter
provides flat dynamic performance up to and beyond the
Nyquist limit. DNL transitional errors are calibrated at final test
to a typical accuracy of 0.25 LSB or less.
ENCODE INPUT
Any high speed ADC is extremely sensitive to the quality of the
sampling clock provided by the user. A track-and-hold circuit is
essentially a mixer, and any noise, distortion, or timing jitter on
the clock is combined with the desired signal at the ADC output.
For this reason, considerable care has been taken in the design
of the encode input of the AD9433, and the user is advised to
give commensurate thought to the clock source.
The AD9433 has an internal clock duty cycle stabilization
circuit that locks to the rising edge of ENCODE (falling edge
of ENCODE if driven differentially) and optimizes timing
internally. This allows for a wide range of input duty cycles at
the input without degrading performance. Jitter in the rising
edge of the input is still of paramount concern and is not
reduced by the internal stabilization circuit. This circuit is
always on and cannot be disabled by the user.
The ENCODE and ENCODE inputs are internally biased
to 3.75 V (nominal) and support either differential or single-
ended signals. For best dynamic performance, a differential
signal is recommended. Good performance is obtained using
an MC10EL16 translator in the circuit to directly drive the
encode inputs (see
).
Figure 41
PECL
GATE
ENCODE
AD9433
ENCODE
510Ω
510Ω
Figure 41. Using PECL to Drive the ENCODE Inputs
Often, the cleanest clock source is a crystal oscillator producing
a pure, single-ended sine wave. In this configuration, or with
any roughly symmetrical, single-ended clock source, the signal
can be ac-coupled to the encode input. To minimize jitter, the
signal amplitude should be maximized within the input range
described in Table 7. The 12 kΩ resistors to ground at each of
the inputs, in parallel with the internal bias resistors, set the
common-mode voltage to approximately 2.5 V, allowing the
maximum swing at the input. The ENCODE input should be
bypassed with a capacitor to ground to reduce noise. This ensures
that the internal bias voltage is centered on the encode signal.
For best dynamic performance, impedances at ENCODE and
ENCODE should match.
ENCODE
AD9433
ENCODE
12kΩ
25Ω
50Ω
12kΩ
0.1µF
0.1µF
50Ω
SINE
SOURCE
Figure 42. Single-Ended Sine Source Encode Circuit
Figure 43 shows another preferred method for clocking the
AD9433. The clock source (low jitter) is converted from single-
ended to differential using an RF transformer. The back-to-back
Schottky diodes across the transformer secondary limit clock
excursions into the AD9433 to approximately 0.8 V p-p differ-
ential. This helps to prevent the large voltage swings of the clock
from feeding through to other portions of the AD9433 and limits
the noise presented to the encode inputs. A crystal clock oscilla-
tor can also be used to drive the RF transformer if an appropriate
limiting resistor (typically 100 Ω) is placed in series with the
primary.
ENCODE
AD9433
ENCODE
0.1µF
T1-4T
100Ω
HMS2812
DIODES
CLOCK
SOURCE
Figure 43. Transformer-Coupled Encode Circuit
ENCODE VOLTAGE LEVEL DEFINITION
The voltage level definitions for driving ENCODE and ENCODE
in single-ended and differential mode are shown in
.
Figure 44
VIHD
VICM, VECM
VILD
ENCODE
ENCODE
VID
VIHS
VICM, VECM
VILS
ENCODE
ENCODE
0.1µF
Figure 44. Differential and Single-Ended Input Levels
Table 7. Encode Inputs
Input
Min
Nominal
Max
Differential Signal Amplitude
(VID)
200 mV
750 mV
5.5 V
Input Voltage Range
(VIHD, VILD, VIHS, VILS)
−0.5 V
VCC + 0.5 V
Internal Common-Mode Bias
(VICM)
3.75 V
External Common-Mode Bias
(VECM)
2.0 V
4.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com