Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9433
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
52 51 50 49 48 47 46 45 44 43 42 41 40
38
GND
37
VCC
36
VCC
33
GND
34
GND
35
GND
39
GND
32
VDD
31
DGND
30
D0 (LSB)
28
D2
27
D3
29
D1
2
VCC
3
GND
4
GND
7
ENCODE
6
VCC
5
VCC
1
GND
8
ENCODE
9
GND
10
VCC
12
DGND
13
VDD
11
GND
14 15 16 17 18 19 20 21 22 23 24 25 26
PIN 1
AD9433
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PADDLE ON THE UNDERSIDE OF THE PACKAGE MUST
BE SOLDERED TO THE GROUND PLANE. SOLDERING THE EXPOSED
PADDLE TO THE PCB INCREASES THE RELIABILITY OF THE SOLDER
JOINTS, MAXIMIZING THE THERMAL CAPABILITY OF THE PACKAGE.
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 9, 11, 33,
34, 35, 38, 39, 40,
43, 48, 51
GND
Analog Ground.
2, 5, 6, 10, 36, 37,
44, 47, 52
VCC
Analog Supply (5 V).
7
ENCODE
Encode Clock for ADC, Complementary.
8
ENCODE
Encode Clock for ADC, True. ADC samples on rising edge of ENCODE.
12, 21, 24, 31
DGND
Digital Output Ground.
13, 22, 23, 32
VDD
Digital Output Power Supply (3 V).
14
OR
Out-of-Range Output.
15 to 20, 25 to 30
D11 to D6, D5 to D0
Digital Output.
41
DFS
Data Format Select. Logic low = twos complement, logic high = offset binary; floats low.
42
SFDR MODE
CMOS Control Pin. This pin enables SFDR mode, a proprietary circuit that can improve the SFDR
performance of the AD9433. SFDR mode is useful in applications where the dynamic range of
the system is limited by discrete spurious frequency content caused by nonlinearities in the
ADC transfer function. Set this pin to 0 for normal operation; floats low.
45
VREFIN
Reference Input for ADC (2.5 V Typical). Bypass with 0.1 μF capacitor to ground.
46
VREFOUT
Internal Reference Output (2.5 V Typical).
49
AIN
Analog Input, True.
50
AIN
Analog Input, Complementary.
Exposed Pad (EP)
The exposed paddle on the underside of the package must be soldered to the ground plane.
Soldering the exposed paddle to the PCB increases the reliability of the solder joints, maximiz-
ing the thermal capability of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com