Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices AD9433 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9433
Rev. A | Page 11 of 20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
FREQUENCY (MHz)
IMD3 = 85dBc
SNR = 66.8dB
SFDR = 83dBFS
FREQUENCY (MHz)
Figure 22. FFT: fS = 105 MSPS, fIN = 70.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
FREQUENCY (MHz)
SNR = 67dB
SFDR = 80dBFS
Figure 23. FFT: fS = 105 MSPS, fIN = 70.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Disabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
6.2
12.5 18.7 25.0 31.2 37.5 43.7 50.0 56.2 62.5
FREQUENCY (MHz)
SNR = 65.5dB
SFDR = 78dBFS
Figure 24. FFT: fS = 125 MSPS, fIN = 70.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
Figure 25. FFT: fS = 105 MSPS, fIN = 69.3 MHz and 70.3 MHz,
Differential AIN @ −7 dBFS for Each Tone, SFDR Mode Enabled
110
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AIN LEVEL (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
80dBFS REFERENCE LINE
fS = 105MSPS
fIN = 70.3MHz
DIFFERENTIAL AIN
SFDR ENABLED
Figure 26. SNR and SFDR vs. AIN Level, fS = 105 MSPS, fIN = 70.3 MHz,
Differential AIN, SFDR Mode Enabled
–110
–100
–90
–80
–70
–60
–50
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AIN LEVEL (dBFS)
Figure 27. Third-Order IMD vs. AIN Level, fS = 105 MSPS, fIN = 70.3 MHz
and 69.3 MHz, Differential AIN, SFDR Mode Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com