Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices AD9433 Datasheet HTML 15Page - Analog Devices AD9433 Datasheet HTML 16Page - Analog Devices AD9433 Datasheet HTML 17Page - Analog Devices AD9433 Datasheet HTML 18Page - Analog Devices AD9433 Datasheet HTML 19Page - Analog Devices AD9433 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD9433
Rev. A | Page 20 of 20
COMPLIANT TO JEDEC STANDARDS
OUTLINE DIMENSIONS
MS-026-ACC
40
52
1
14
13
26
27
39
12.00 BSC
SQ
1.20
MAX
0.75
0.60
0.45
10.00
B
Q
SC S
VIEW A
TOP VI
(PINS DOWN
EW
)
PIN 1
40
52
39
14
1
13
26
27
0.65
BSC
LEAD PITCH
0.38
0.32
0.22
BOTTOM VIEW
(PINS UP)
7.30 B
SQ
SED
D
SC
EXPO
PA
SEATING
PLANE
1.05
0.20
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1.00
0.95
0.09
0.08 MAX
COPLANARITY
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
ROTATED 90° CCW
age, Exposed Pad [TQFP_EP]
millimeters
Figure 47. 52-Lead Thin Quad
Dimensions sho
ORDERING GUIDE
Flat Pack
(SV-52-2)
wn in
Model
Temperature Range
Package Description
Package Option
AD9433BSVZ-1051
−40°C to +85°C
52-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-52-2
AD9433BSVZ-1251
−40°C to +85°C
52-Lead Thin Quad Flat Pa
ed Pad [TQFP_
S
ckage, Expos
EP]
V-52-2
1 Z = RoHS Compliant Part.
©2001–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01977-0-6/09(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com