Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9433
Rev. A | Page 10 of 20
–95
–90
–85
–80
–75
–70
300
280
260
240
220
200
180
18
15
12
9
6
3
0
0
25
50
75
100
125
ENCODE FREQUENCY (MHz)
ICC (mA)
IDD (mA)
–65
0
102030
40
50
60
7080
90
WORST OTHER (dBc)
THIRD HARMONIC (dBc)
SECOND HARMONIC (dBc)
SNR (dB)
DUTY CYCLE HIGH (%)
Figure 16. Dynamic Performance vs. Encode Duty Cycle, fS = 105 MSPS,
fIN = 49.3 MHz, Differential AIN @ −0.5 dBFS, SFDR Mode Enabled
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
0
512
1024
1536
2048
2560
3072
3584
4096
OUTPUT CODE
Figure 17. Integral Nonlinearity vs. Output Code with SFDR Mode Disabled
0.5
0.4
0.3
0.2
0.1
0
–0.2
–0.1
–0.3
–0.4
–0.5
0
512
1024
1536
2048
2560
3072
3584
4096
OUTPUT CODE
Figure 18. Differential Nonlinearity vs. Output Code
Figure 19. IDD and ICC vs. Encode Rate, fIN = 10.3 MHz,
Differential AIN @ −0.5 dBFS
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
0
512
1024
1536
2048
2560
3072
3584
4096
OUTPUT CODE
Figure 20. Integral Nonlinearity vs. Output Code with SFDR Mode Enabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.68
15.36
23.04
30.72
FREQUENCY (MHz)
Figure 21. FFT: fS = 61.44 MSPS, fIN = 46.08 MHz, Four WCDMA Carriers,
Differential AIN, SFDR Mode Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com