Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 5 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9433
Rev. A | Page 5 of 20
SWITCHING SPECIFICATIONS
VDD = 3.3 V, VCC = 5 V; differential encode input, unless otherwise noted.
Table 3.
Test
105 MSPS
125 MSPS
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
Encode Rate
Full
IV
10
105
10
125
MSPS
Encode Pulse Width High (tEH)
Full
IV
2.9
2.4
ns
Encode Pulse Width Low (tEL)
Full
IV
2.9
2.4
ns
Aperture Delay (tA)
25°C
V
2.1
2.1
ns
Aperture Uncertainty (Jitter)1
25°C
V
0.25
0.25
ps rms
Output Valid Time (tV)2
Full
VI
2.5
4.0
2.5
4.0
ns
Output Propagation Delay (tPD)2
Full
VI
4.0
5.5
4.0
5.5
ns
Output Rise Time (tR)2
Full
V
2.1
2.1
ns
Output Fall Time (tF)2
Full
V
1.9
1.9
ns
Out-of-Range Recovery Time
25°C
V
2
2
ns
Transient Response Time
25°C
V
2
2
ns
Latency
Full
IV
10
10
Cycles
1 Aperture uncertainty includes contribution of the AD9433, crystal clock reference, and encode drive circuit.
2 tV and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital output swing. The digital output load during testing is not
to exceed an ac load of 10 pF or a dc current of 50 μA. Rise and fall times are measured from 10% to 90%.
TIMING DIAGRAM
tEL
tEH
tA
1/
fS
SAMPLE N – 1
SAMPLE N + 1
SAMPLE N + 8
SAMPLE N + 9
SAMPLE N + 10
SAMPLE N
AIN
ENCODE
tV
tPD
DATA N – 11
DATA N – 10
DATA N – 1
DATA N
DATA N + 1
DATA
N – 9
DATA
N – 2
D11 TO D0
ENCODE
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com