Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 3 Page - Analog Devices

  AD9859/PCBZ1 Datasheet HTML 1Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9859
Rev. A | Page 3 of 24
AD9859—ELECTRICAL SPECIFICATIONS
Unless otherwise noted, AVDD, DVDD = 1.8 V ± 5%, DVDD_I/O = 3.3 V ± 5%, RSET = 3.92 kΩ, External Reference Clock Frequency =
20 MHz with REFCLK Multiplier Enabled at 20×. DAC Output Must Be Referenced to AVDD, Not AGND.
Table 1.
Parameter
Temp
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
FULL
1
400
MHz
REFCLK Multiplier Enabled at 4×
FULL
20
100
MHz
REFCLK Multiplier Enabled at 20×
FULL
4
20
MHz
Input Capacitance
25°C
3
pF
Input Impedance
25°C
1.5
kΩ
Duty Cycle
25°C
50
%
Duty Cycle with REFCLK Multiplier Enabled
25°C
35
65
%
REFCLK Input Power1
FULL
–15
0
+3
dBm
DAC OUTPUT CHARACTERISTICS
Resolution
10
Bits
Full-Scale Output Current
25°C
5
10
15
mA
Gain Error
25°C
–10
+10
%FS
Output Offset
25°C
0.6
µA
Differential Nonlinearity
25°C
1
LSB
Integral Nonlinearity
25°C
2
LSB
Output Capacitance
25°C
5
pF
Residual Phase Noise @ 1 kHz Offset, 40 MHz A
OUT
REFCLK Multiplier Enabled @ 20×
25°C
–105
dBc/Hz
REFCLK Multiplier Enabled @ 4×
25°C
–115
dBc/Hz
REFCLK Multiplier Disabled
25°C
–132
dBc/Hz
Voltage Compliance Range
25°C
AVDD – 0.5
AVDD + 0.5
V
Wideband SFDR
1 MHz to 10 MHz Analog Out
25°C
64
dBc
10 MHz to 40 MHz Analog Out
25°C
63
dBc
40 MHz to 80 MHz Analog Out
25°C
61
dBc
80 MHz to 120 MHz Analog Out
25°C
55
dBc
120 MHz to 160 MHz Analog Out
25°C
50
dBc
Narrow-Band SFDR
40 MHz Analog Out (±1 MHz)
25°C
82
dBc
40 MHz Analog Out (±250 kHz)
25°C
82
dBc
40 MHz Analog Out (±50 kHz)
25°C
94
dBc
40 MHz Analog Out (±10 kHz)
25°C
87
dBc
80 MHz Analog Out (±1 MHz)
25°C
82
dBc
80 MHz Analog Out (±250 kHz)
25°C
84
dBc
80 MHz Analog Out (±50 kHz)
25°C
87
dBc
80 MHz Analog Out (±10 kHz)
25°C
87
dBc
120 MHz Analog Out (±1 MHz)
25°C
80
dBc
120 MHz Analog Out (±250 kHz)
25°C
82
dBc
120 MHz Analog Out (±50 kHz)
25°C
86
dBc
120 MHz Analog Out (±10 kHz)
25°C
89
dBc
160 MHz Analog Out (±1 MHz)
25°C
80
dBc
160 MHz Analog Out (±250 kHz)
25°C
82
dBc
160 MHz Analog Out (±50 kHz)
25°C
84
dBc
160 MHz Analog Out (±10 kHz)
25°C
86
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com