Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 1 Page - Analog Devices

  AD9859/PCBZ1 Datasheet HTML 1Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
400 MSPS, 10-Bit, 1.8 V CMOS
Direct Digital Synthesizer
AD9859
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2009 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS internal clock speed
Integrated 10-bit DAC
32-bit tuning word
Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
Excellent dynamic performance
>75 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
Serial I/O control
1.8 V power supply
Software and hardware controlled power-down
48-lead TQFP/EP package
Support for 5 V input levels on most digital inputs
PLL REFCLK multiplier (4× to 20×)
Internal oscillator; can be driven by a single crystal
Phase modulation capability
Multichip synchronization
APPLICATIONS
Agile LO frequency synthesis
Programmable clock generators
Test and measurement equipment
Commercial and amateur radio exciter
GENERAL DESCRIPTION
The AD9859 is a direct digital synthesizer (DDS) featuring a
10-bit DAC operating at up to 400 MSPS. The AD9859 uses
advanced DDS technology, coupled with an internal high speed,
high performance DAC to form a digitally programmable,
complete high frequency synthesizer capable of generating a
frequency-agile analog output sinusoidal waveform at up to
200 MHz. The AD9859 is designed to provide fast frequency
hopping and fine tuning resolution (32-bit frequency tuning
word). The frequency tuning and control words are loaded into
the AD9859 via a serial I/O port.
The AD9859 is specified to operate over the extended industrial
temperature range of –40°C to +105°C
FUNCTIONAL BLOCK DIAGRAM
COS(X)
CONTROL REGISTERS
OSCILLATOR/BUFFER
SYNC
ENABLE
I/O UPDATE
DAC_RSET
DDS CORE
PHASE
OFFSET
PHASE
ACCUMULATOR
Z–1
Z–1
IOUT
IOUT
OSK
PWRDWNCTL
REFCLK
REFCLK
CRYSTAL OUT
I/O PORT
DAC
SYSTEM
CLOCK
SYSTEM
CLOCK
SYNC_IN
SYNC_CLK
RESET
TIMING AND CONTROL LOGIC
4
–20
CLOCK
MULTIPLIER
÷ 4
AD9859
32
14
10
14
19
32
10
0
M
U
X
M
U
X
Figure 1.


Similar Part No. - AD9859/PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9859/PCBZ1 AD-AD9859/PCBZ1 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results

Similar Description - AD9859/PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859 Datasheet
574Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
5/09-Rev. 0 to Rev. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com