Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9859/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 12Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 14Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 15Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 16Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 17Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 18Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9859
Rev. A | Page 15 of 24
CFR1<6>: Not Used
CFR1<5>: DAC Power-Down Bit
CFR1<5> = 0 (default). The DAC is enabled for operation.
CFR1<5> = 1. The DAC is disabled and is in its lowest power
dissipation state.
CFR1<4>: Clock Input Power-Down Bit
CFR1<4> = 0 (default). The clock input circuitry is enabled for
operation.
CFR1<4> = 1. The clock input circuitry is disabled, and the
device is in its lowest power dissipation state.
CFR1<3>: External Power-Down Mode
CFR1<3> = 0 (default). The external power-down mode
selected is the rapid recovery power-down mode. In this mode,
when the PWRDWNCTL input pin is high, the digital logic
and the DAC digital logic are powered down. The DAC bias
circuitry, PLL, oscillator, and clock input circuitry are not
powered down.
CFR1<3> = 1. The external power-down mode selected is the
full power-down mode. In this mode, when the PWRDWNCTL
input pin is high, all functions are powered down. This includes
the DAC and PLL, which take a significant amount of time to
power up.
CFR1<2>: Not Used
CFR1<1>: SYNC_CLK Disable Bit
CFR1<1> = 0 (default). The SYNC_CLK pin is active.
CFR1<1> = 1. The SYNC_CLK pin assumes a static Logic 0
state to keep noise generated by the digital circuitry at a
minimum. However, the synchronization circuitry remains
active (internally) to maintain normal device timing.
CFR1<0>: Not Used, Leave at 0
Control Function Register No. 2 (CFR2)
The CFR2 is used to control the various functions, features, and
modes of the AD9859, primarily related to the analog sections
of the chip.
CFR2<23:12>: Not Used
CFR2<11>: High Speed Sync Enable Bit
CFR2<11> = 0 (default). The high speed sync enhancement is off.
CFR2<11> = 1. The high speed sync enhancement is on. This
bit should be set when attempting to use the auto-synchronization
feature for SYNC_CLK inputs beyond 50 MHz, (200 MSPS
SYSCLK). See the Synchronizing Multiple AD9859s section
for details.
CFR2<10>: Hardware Manual Sync Enable Bit
CFR2<10> = 0 (default). The hardware manual sync function is off.
CFR2<10> = 1. The hardware manual sync function is enabled.
While this bit is set, a rising edge on the SYNC_IN pin causes
the device to advance the SYNC_CLK rising edge by one REFCLK
cycle. Unlike the software manual sync enable bit, this bit does
not self-clear. Once the hardware manual sync mode is enabled,
it stays enabled until this bit is cleared. See the Synchronizing
Multiple AD9859s section for details.
CFR2<9>: CRYSTAL OUT Enable Bit
CFR2<9> = 0 (default). The CRYSTAL OUT pin is inactive.
CFR2<9> = 1. The CRYSTAL OUT pin is active. When active,
the crystal oscillator circuitry output drives the CRYSTAL OUT
pin, which can be connected to other devices to produce a
reference frequency. The oscillator responds to crystals in the
range of 20 MHz to 30 MHz.
CFR2<8>: Not Used
CFR2<7:3>: Reference Clock Multiplier Control Bits
This 5-bit word controls the multiplier value out of the clock-
multiplier (PLL) block. Valid values are decimal 4 to 20 (0x04 to
0x14). Values entered outside this range bypass the clock
multiplier. See the Phase-Locked Loop (PLL) section for details.
CFR2<2>: VCO Range Control Bit
This bit is used to control the range setting on the VCO.
When CFR2<2> == 0 (default), the VCO operates in a range of
100 MHz to 250 MHz. When CFR2<2> == 1, the VCO operates
in a range of 250 MHz to 400 MHz.
CFR2<1:0>: Charge Pump Current Control Bits
These bits are used to control the current setting on the charge
pump. The default setting, CFR2<1:0>, sets the charge pump
current to the default value of 75 µA. For each bit added (01, 10,
11), 25 µA of current is added to the charge pump current:
100 µA, 125 µA, and 150 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com