Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 4 Page - Analog Devices

  AD9859/PCBZ1 Datasheet HTML 1Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9859
Rev. A | Page 4 of 24
Parameter
Temp
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
FULL
25
Mbps
Minimum Clock Pulse Width Low
FULL
7
ns
Minimum Clock Pulse Width High
FULL
7
ns
Maximum Clock Rise/Fall Time
FULL
2
ns
Minimum Data Setup Time DVDD_I/O = 3.3 V
FULL
3
ns
Minimum Data Setup Time DVDD_I/O = 1.8 V
FULL
5
ns
Minimum Data Hold Time
FULL
0
ns
Maximum Data Valid Time
FULL
25
ns
Wake-Up Time2
FULL
1
ms
Minimum Reset Pulse Width High
FULL
5
SYSCLK Cycles3
I/O UPDATE to SYNC_CLK Setup Time DVDD_I/O = 3.3 V
FULL
4
ns
I/O UPDATE to SYNC_CLK Setup Time DVDD_I/O = 3.3 V
FULL
6
ns
I/O UPDATE, SYNC_CLK Hold Time
FULL
0
ns
Latency
I/O UPDATE to Frequency Change Prop Delay
25°C
24
SYSCLK Cycles
I/O UPDATE to Phase Offset Change Prop Delay
25°C
24
SYSCLK Cycles
I/O UPDATE to Amplitude Change Prop Delay
25°C
16
SYSCLK Cycles
CMOS LOGIC INPUTS
Logic 1 Voltage @ DVDD_I/O (Pin 43) = 1.8 V
25°C
1.25
V
Logic 0 Voltage @ DVDD_I/O (Pin 43) = 1.8 V
25°C
0.6
V
Logic 1 Voltage @ DVDD_I/O (Pin 43) = 3.3 V
25°C
2.2
V
Logic 0 Voltage @ DVDD_I/O (Pin 43) = 3.3 V
25°C
0.8
V
Logic 1 Current
25°C
3
12
µA
Logic 0 Current
25°C
12
µA
Input Capacitance
25°C
2
pF
CMOS LOGIC OUTPUTS (1 mA Load) DVDD_I/O = 1.8 V
Logic 1 Voltage
25°C
1.35
V
Logic 0 Voltage
25°C
0.4
V
CMOS LOGIC OUTPUTS (1 mA Load) DVDD_I/O = 3.3 V
Logic 1 Voltage
25°C
2.8
V
Logic 0 Voltage
25°C
0.4
V
POWER CONSUMPTION (AVDD = DVDD = 1.8 V)
Single-Tone Mode
25°C
162
171
mW
Rapid Power-Down Mode
25°C
150
160
mW
Full-Sleep Mode
25°C
20
27
mW
SYNCHRONIZATION FUNCTION4
Maximum SYNC Clock Rate (DVDD_I/O = 1.8 V)
25°C
62.5
MHz
Maximum SYNC Clock Rate (DVDD_I/O = 3.3 V)
25°C
100
MHz
SYNC_CLK Alignment Resolution5
25°C
±1
SYSCLK Cycles
1 To achieve the best possible phase noise, the largest amplitude clock possible should be used. Reducing the clock input amplitude reduces the phase noise
performance of the device.
2 Wake-up time refers to the recovery from analog power-down modes (see the Power-Down Functions of the AD9859 section). The longest time required is for the
reference clock multiplier PLL to relock to the reference. The wake-up time assumes that there is no capacitor on DACBP and that the recommended PLL loop filter
values are used.
3 SYSCLK cycle refers to the actual clock frequency used on-chip by the DDS. If the reference clock multiplier is used to multiply the external reference clock frequency,
the SYSCLK frequency is the external frequency multiplied by the reference clock multiplication factor. If the reference clock multiplier is not used, the SYSCLK
frequency is the same as the external reference clock frequency.
4 SYNC_CLK = ¼ SYSCLK rate. For SYNC_CLK rates ≥ 50 MHz, the high speed sync enable bit, CFR2<11>, should be set.
5 This parameter indicates that the digital synchronization feature cannot overcome phase delays (timing skew) between system clock rising edges. If the system clock
edges are aligned, the synchronization function should not increase the skew between the two edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com