Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9859/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 9Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 10Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9859
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
20dB
dB
CENTER 100MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20MHz/
SPAN 200MHz
REF LVL
–5dBm
10kHz
10kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–65.10dB
98.19639279MHz
1
1
Figure 4. FOUT = 1 MHz FCLK = 400 MSPS, WBSFDR
20dB
dB
CENTER 100MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20MHz/
SPAN 200MHz
REF LVL
–5dBm
10kHz
10kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–65.02dB
81.36272545MHz
1
1
Figure 5. FOUT = 10 MHz, FCLK = 400 MSPS, WBSFDR
20dB
dB
CENTER 100MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20MHz/
SPAN 200MHz
REF LVL
–5dBm
10kHz
10kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–63.85dB
100.20040080MHz
1
1
Figure 6. FOUT = 40 MHz, FCLK = 400 MSPS, WBSFDR
20dB
dB
CENTER 100MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20MHz/
SPAN 200MHz
REF LVL
–5dBm
10kHz
10kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–60.96dB
79.75951904MHz
1
1
Figure 7. FOUT = 80 MHz FCLK = 400 MSPS, WBSFDR
20dB
dB
CENTER 100MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20MHz/
SPAN 200MHz
REF LVL
–8dBm
10kHz
10kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–55.04dB
43.28657315MHz
1
1
Figure 8 FOUT = 120 MHz, FCLK = 400 MSPS, WBSFDR
20dB
dB
CENTER 100MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20MHz/
SPAN 200MHz
REF LVL
–8dBm
10kHz
10kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–50.48dB
–76.95390782MHz
1
1
Figure 9. FOUT = 160 MHz, FCLK = 400 MSPS, WBSFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com