Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9859/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 9Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 10Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 12Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 14Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9859
Rev. A | Page 11 of 24
THEORY OF OPERATION
COMPONENT BLOCKS
DDS Core
The output frequency (fO) of the DDS is a function of the
frequency of the system clock (SYSCLK), the value of the
frequency tuning word (FTW), and the capacity of the
accumulator (232 in this case). The exact relationship is given
below with fS defined as the frequency of SYSCLK.


31
32
2
0
2
/
FTW
with
f
FTW
f
S
O
1
–
2
2
2
/
–
1
32
31
32
FTW
with
FTW
f
f
S
O
The value at the output of the phase accumulator is translated to
an amplitude value via the COS(x) functional block and routed
to the DAC.
In certain applications, it is desirable to force the output signal
to zero phase. Simply setting the FTW to 0 does not accomplish
this; it only results in the DDS core holding its current phase
value. Thus, a control bit is required to force the phase accumula-
tor output to zero.
At power-up, the clear phase accumulator bit is set to Logic 1,
but the buffer memory for this bit is cleared (Logic 0). There-
fore, upon power-up, the phase accumulator remains clear until
the first I/O UPDATE is issued.
Phase-Locked Loop (PLL)
The PLL allows multiplication of the REFCLK frequency.
Control of the PLL is accomplished by programming the 5-bit
REFCLK multiplier portion of Control Function Register No. 2,
Bits <7:3>.
When programmed for values ranging from 0x04 to 0x14
(4 decimal to 20 decimal), the PLL multiplies the REFCLK
input frequency by the corresponding decimal value. However,
the maximum output frequency of the PLL is restricted to
400 MHz. Whenever the PLL value is changed, the user should
be aware that time must be allocated to allow the PLL to lock
(approximately 1 ms).
The PLL is bypassed by programming a value outside the range
of 4 to 20 (decimal). When bypassed, the PLL is shut down to
conserve power.
Clock Input
The AD9859 supports various clock methodologies. Support for
differential or single-ended input clocks and enabling of an
on-chip oscillator and/or a phase-locked loop (PLL) multiplier
are all controlled via user programmable bits. The AD9859 may
be configured in one of six operating modes to generate the system
clock. The modes are configured using the CLKMODESELECT
pin, CFR1<4>, and CFR2<7:3>. Connecting the external pin
CLKMODESELECT to Logic High enables the on-chip crystal
oscillator circuit. With the on-chip oscillator enabled, users of
the AD9859 connect an external crystal to the REFCLK and
REFCLKB inputs to produce a low frequency reference clock in
the range of 20 MHz to 30 MHz. The signal generated by the
oscillator is buffered before it is delivered to the rest of the chip.
This buffered signal is available via the CRYSTAL OUT pin. Bit
CFR1<4> can be used to enable or disable the buffer, turning on
or off the system clock. The oscillator itself is not powered
down in order to avoid long startup times associated with
turning on a crystal oscillator. Writing CFR2<9> to Logic High
enables the crystal oscillator output buffer. Logic Low at
CFR2<9> disables the oscillator output buffer.
Connecting CLKMODESELECT to Logic Low disables the
on-chip oscillator and the oscillator output buffer. With the
oscillator disabled, an external oscillator must provide the
REFCLK and/or REFCLKB signals. For differential operation,
these pins are driven with complementary signals. For single-
ended operation, a 0.1 μF capacitor should be connected
between the unused pin and the analog power supply. With the
capacitor in place, the clock input pin bias voltage is 1.35 V. In
addition, the PLL may be used to multiply the reference
frequency by an integer value in the range of 4 to 20. Table 4
summarizes the clock modes of operation. Note that the PLL
multiplier is controlled via the CFR2<7:3> bits, independent of
the CFR1<4> bit.
Table 4. Clock Input Modes of Operation
CFR1<4>
CLKMODESELECT
CFR2<7:3>
Oscillator Enabled?
System Clock
Frequency Range (MHz)
Low
High
3 < M < 21
Yes
FCLK = FOSC × M
80 < FCLK < 400
Low
High
M < 4 or M > 20
Yes
FCLK = FOSC
20 < FCLK < 30
Low
Low
3 < M < 21
No
FCLK = FOSC × M
80 < FCLK < 400
Low
Low
M < 4 or M > 20
No
FCLK = FOSC
10 < FCLK < 400
High
X
X
No
FCLK = 0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com