Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859/PCBZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 5 Page - Analog Devices

  AD9859/PCBZ1 Datasheet HTML 1Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9859
Rev. A | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
DVDD_I/O (Pin 43)
4 V
AVDD, DVDD
2 V
Digital Input Voltage (DVDD_I/O = 3.3 V)
–0.7 V to +5.25 V
Digital Input Voltage (DVDD_I/O = 1.8 V)
–0.7 V to +2.2 V
Digital Output Current
5 mA
Storage Temperature
–65°C to +150°C
Operating Temperature
–40°C to +105°C
Lead Temperature (10 sec Soldering)
300°C
θ
JA
38°C/W
θ
JC
15°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
IOUT
IOUT
MUST TERMINATE
OUTPUTS TO AVDD. DO
NOT EXCEED THE
OUTPUT VOLTAGE
COMPLIANCE RATING.
DAC OUTPUTS
DVDD_I/O
INPUT
DIGITAL
INPUTS
AVOID OVERDRIVING
DIGITAL INPUTS.
FORWARD BIASING
ESD DIODES MAY
COUPLE DIGITAL NOISE
ONTO POWER PINS.
Figure 2. Equivalent Input and Output Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com