Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 4 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 4 Page - Analog Devices

  OP90GS Datasheet HTML 1Page - Analog Devices OP90GS Datasheet HTML 2Page - Analog Devices OP90GS Datasheet HTML 3Page - Analog Devices OP90GS Datasheet HTML 4Page - Analog Devices OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OP90
Rev. C | Page 4 of 13
ELECTRICAL CHARACTERISTICS
(VS = ±1.5 V to ±15 V, –40°C ≤ TA ≤ +85°C for OP90G, unless otherwise noted.)
Parameter
Symbol
Conditions
OP90G
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
180 675
µ
V
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
TCVOS
1.2
5
µ
V/°C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
1.3
7
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
25
nA
LARGE-SIGNAL VOLTAGE
GAIN
AVO
 
AVO
VS = ±15 V, VO = ±10 V
RL = 100 kΩ
RL = 10 kΩ
RL = 2 kΩ
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 kΩ
RL = 10 kΩ
300
600
150
250
75
125
 
80
160
40
90
V/mV
V/mV
V/mV
 
V/mV
V/mV
INPUT VOLTAGE RANGE*
IVR
V+ = 5 V, V– = 0 V
VS = ±15 V
0/3.5
–15/13.5
V
V
OUTPUT VOLTAGE SWING
VO
 
VOH
VOL
VS = ±15 V
RL = 10 kΩ
RL = 2 kΩ
V+ = 5 V, V– = 0 V
RL = 2 kΩ
V+ = 5 V, V– = 0 V
RL = 10 kΩ
±
13.5
±
14
±
10.5
±
11.8
 
3.9
4.1
100 500
V
V
 
V
µ
V
COMMON-MODE
REJECTION
CMR
V+ = 5 V, V– = 0 V,
0 V < VCM < 3.5 V
VS = ±15 V,
–15 V < VCM < 13.5 V
80
100
 
90
110
dB
 
dB
POWER SUPPLY REJECTION
RATIO
PSRR
5.6
17.8
µ
V/V
SUPPLY CURRENT
ISY
VS = ±1.5 V
VS = ±15 V
12
25
16
30
µ
A
µ
A
NOTE
*
Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com