Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 13 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 13 Page - Analog Devices

Back Button OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices OP90GS Datasheet HTML 10Page - Analog Devices OP90GS Datasheet HTML 11Page - Analog Devices OP90GS Datasheet HTML 12Page - Analog Devices OP90GS Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
OP90
Rev. C | Page 13 of 13
REVISION HISTORY
12/11—Rev. B to Rev. C
Deleted 8-Lead Hermetic DIP (Z-Suffix) Package
(Q-8).....................................................................................Universal
Changes to Electrical Characteristics ............................................ 2
Changes to Electrical Characteristics ............................................ 4
Changes to Absolute Maximum Ratings ....................................... 5
Changes to Figure 7, 2-Wire 4 mA to 20 mA Current
Transmitter Section, and Figure 9 .................................................. 9
Changes to Figure 10 and Figure 11............................................. 10
Changes to Figure 12...................................................................... 11
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
5/02—Rev. A to Rev. B
Edits to 8-Lead SOIC Package (R-8)............................................ 12
9/01—Rev. 0 to Rev. A
Edits to Pin Connections................................................................. 1
Edits to Electrical Characteristics ......................................... 2, 3, 4
Edits to Ordering Information ........................................................5
Edits to Absolute Maximum Ratings ..............................................5
Edits to Package Type .......................................................................5
Deleted OP90 Dice Characteristics.................................................5
Deleted Wafer Test Limits ................................................................5
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00321-0-12/11(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com