Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP90GS Datasheet HTML 2Page - Analog Devices OP90GS Datasheet HTML 3Page - Analog Devices OP90GS Datasheet HTML 4Page - Analog Devices OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices OP90GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
OP90
–6–
TEMPERATURE – C
100
80
0
–75
–50
125
025
100
40
60
20
75
50
–25
VS = 15V
TPC 1. Input Offset Voltage
vs. Temperature
TEMPERATURE – C
22
18
2
–75
–50
125
025
100
10
14
6
75
50
–25
NO LOAD
VS = 1.5V
20
16
8
12
4
VS = 15V
TPC 4. Supply Current vs.
Temperature
FREQUENCY – Hz
60
40
–20
10
100k
1k
20
0
10k
100
VS = 15V
TA = 25 C
TPC 7. Closed-Loop Gain
vs. Frequency
–Typical Performance Characteristics
TEMPERATURE – C
1.6
0.2
–75
–50
125
025
100
0.8
1.0
0.4
75
50
–25
1.4
1.2
0.6
VS = 15V
TPC 2. Input Offset Current
vs. Temperature
SINGLE-SUPPLY VOLTAGE – V
600
0
030
10
15
25
300
100
20
5
500
400
200
RL = 10k
TA = 25 C
TA = 85 C
TA = 125 C
TPC 5. Open-Loop Gain vs.
Single-Supply Voltage
LOAD RESISTANCE –
6
4
0
100
100k
1k
3
1
10k
V+ = 5V, V– = 0V
TA = 25 C
5
2
TPC 8. Output Voltage Swing
vs. Load Resistance
TEMPERATURE – C
4.2
4.0
3.0
–75
–50
125
025
100
3.6
3.8
3.4
75
50
–25
VS = 15V
3.2
TPC 3. Input Bias Current
vs. Temperature
FREQUENCY – Hz
140
120
0
0.1
1
100k
10
100
10k
80
100
60
1k
VS = 15V
TA = 25 C
RL = 100k
40
20
GAIN
45
0
90
135
180
TPC 6. Open-Loop Gain and
Phase Shift vs. Frequency
LOAD RESISTANCE –
16
12
0
100
100k
1k
8
4
10k
TA = 25 C
VS = 15V
14
6
10
2
POSITIVE
NEGATIVE
TPC 9. Output Voltage Swing
vs. Load Resistance
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com