Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 2 Page - Analog Devices

  OP90GS Datasheet HTML 1Page - Analog Devices OP90GS Datasheet HTML 2Page - Analog Devices OP90GS Datasheet HTML 3Page - Analog Devices OP90GS Datasheet HTML 4Page - Analog Devices OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
OP90
Rev. C | Page 2 of 13
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
(VS = ±1.5 V to ±15 V, TA = 25°C, unless otherwise noted.)
Parameter
Symbol Conditions
OP90G
Min
Typ
Max Unit
INPUT OFFSET VOLTAGE
VOS
125
450 µV
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.4
5
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
25
nA
LARGE-SIGNAL
VOLTAGE GAIN
AVO
AVO
AVO
 
AVO
AVO
VS = ±15 V, VO = ±10 V
RL = 100 kΩ
RL= 10 kΩ
RL = 2 kΩ
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 kΩ
RL = 10 kΩ
400
800
200
400
100
200
 
100
250
70
140
V/mV
V/mV
V/mV
V/mV
V/mV
INPUT VOLTAGE RANGE1
IVR
V+ = 5 V, V– = 0 V
VS = ±15 V
0/4
–15/13.5
V
V
OUTPUT VOLTAGE SWING
VO
 
VOH
 
VOL
VS = ±15 V
RL = 10 kΩ
RL = 2 kΩ
V+ = 5 V, V– = 0 V
RL = 2 kΩ
V+ = 5 V, V– = 0 V
RL = 10 kΩ
±
14
±
14.2
±
11
±
12
4.0
4.2
100
500
V
V
V
µ
V
COMMON-MODE
REJECTION
CMR
CMR
V+ = 5 V, V– = 0 V,
0 V < VCM < 4 V
VS = ±15 V,
–15 V < VCM < 13.5 V
80
100
90
120
dB
dB
POWER SUPPLY
REJECTION RATIO
PSRR
3.2
10
µ
V/V
SLEW RATE
SR
VS = ±15 V
5
12
V/ms
SUPPLY CURRENT
ISY
ISY
VS = ±1.5 V
VS = ±15 V
9
15
14
20
µ
A
µ
A
CAPACITIVE LOAD
STABILITY2
AV = 1
No Oscillations
250
650
pF
INPUT NOISE VOLTAGE
enp-p
fO = 0.1 Hz to 10 Hz
VS = ±15 V
3
µ
V p-p
INPUT RESISTANCE
DIFFERENTIAL MODE
RIN
VS = ±15 V
30
MΩ
INPUT RESISTANCE
COMMON-MODE
RINCM
VS = ±15 V
20
GΩ
NOTES
1
Guaranteed by CMR test.
2
Guaranteed but not 100% tested.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com