Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP90GS Datasheet HTML 3Page - Analog Devices OP90GS Datasheet HTML 4Page - Analog Devices OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices OP90GS Datasheet HTML 10Page - Analog Devices OP90GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
–7–
OP90
+18V
–18V
2
3
4
6
7
OP90
Figure 2. Burn-In Circuit
APPLICATION INFORMATION
Battery-Powered Applications
The OP90 can be operated on a minimum supply voltage of 1.6 V,
or with dual supplies
± 0.8 V, and draws only 14 pA of supply
current. In many battery-powered circuits, the OP90 can be
continuously operated for thousands of hours before requiring
battery replacement, reducing equipment down time and
operating cost.
High-performance portable equipment and instruments frequently
use lithium cells because of their long shelf-life, light weight, and
high-energy density relative to older primary cells. Most lithium
cells have a nominal output voltage of 3 V and are noted for a
flat discharge characteristic. The low-supply voltage requirement
of the OP90, combined with the flat discharge characteristic of
the lithium cell, indicates that the OP90 can be operated over
the entire useful life of the cell. Figure 1 shows the typical dis-
charge characteristic of a 1Ah lithium cell powering an OP90
which, in turn, is driving full output swing into a 100 k
Ω load.
FREQUENCY – Hz
120
100
20
11k
10
100
TA = 25 C
60
80
40
POSITIVE SUPPLY
NEGATIVE SUPPLY
TPC 10. Power Supply Rejection
vs. Frequency
FREQUENCY – Hz
100
0.1
0.1
1k
110
10
1
VS = 15V
TA = 25 C
100
TPC 13. Current Noise Density
vs. Frequency
FREQUENCY – Hz
140
120
40
11k
10
100
VS = 15V
TA = 25 C
80
100
60
TPC 11. Common-Mode Rejection
vs. Frequency
TA = 25 C
VS = 15V
AV = +1
RL = 10k
CL = 500pF
TPC 14. Small-Signal Transient
Response
FREQUENCY – Hz
1000
1
0.1
1k
110
100
10
VS = 15V
TA = 25 C
100
TPC 12. Noise Voltage Density
vs. Frequency
TA = 25 C
VS = 15V
AV = +1
RL = 10k
CL = 500pF
TPC 15. Large-Signal Transient
Response
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com