Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices OP90GS Datasheet HTML 10Page - Analog Devices OP90GS Datasheet HTML 11Page - Analog Devices OP90GS Datasheet HTML 12Page - Analog Devices OP90GS Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
OP90
–11–
Single-Supply Current Monitor
Current monitoring essentially consists of amplifying the voltage
drop across a resistor placed in a series with the current to be
measured. The difficulty is that only small voltage drops can be
tolerated and with low precision op amps this greatly limits the
overall resolution. The single supply current monitor of Figure 12
has a resolution of 10
µA and is capable of monitoring 30 mA of
current. This range can be adjusted by changing the current
sense resistor R1. When measuring total system current, it may
be necessary to include the supply current of the current moni-
tor, which bypasses the current sense resistor, in the final result.
This current can be measured and calibrated (together with the
residual offset) by adjustment of the offset trim potentiometer,
R2. This produces a deliberate offset that is temperature
dependent. However, the supply current of the OP90 is also
proportional to temperature and the two effects tend to track.
Current in R4 and R5, which also bypasses R1, can be accounted
for by a gain trim.
R1
1
R4
9.9k
R2
100k
R3
100k
3
7
6
4
2
5
1
V+
R5
100
ITEST
VOUT = 100mV/mA (ITEST)
TO CIRCUIT
UNDER TEST
–
+
OP90
Figure 12. Single-Supply Current Monitor
REV. C
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com