Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 3 Page - Analog Devices

  OP90GS Datasheet HTML 1Page - Analog Devices OP90GS Datasheet HTML 2Page - Analog Devices OP90GS Datasheet HTML 3Page - Analog Devices OP90GS Datasheet HTML 4Page - Analog Devices OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
–3–
OP90
(VS =
1.5 V to
15 V, –55 C
TA
+125 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
80
400
µV
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
TCVOS
0.3
2.5
µV/°C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
1.5
5
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
20
nA
LARGE-SIGNAL
VOLTAGE GAIN
AVO
VS =
±15 V, V
O =
±10 V
RL = 100 k
Ω
225
400
V/mV
RL = 10 k
Ω
125
240
V/mV
RL = 2 k
Ω
50
110
V/mV
AVO
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
Ω
100
200
V/mV
RL = 10 k
Ω
50
110
V/mV
INPUT VOLTAGE RANGE*
IVR
V+ = 5 V, V– = 0 V
0/3.5
V
VS =
±15 V
–15/13 5
V
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±13.5
±13.7
V
RL = 2 k
Ω±10.5
±11.5
V
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
Ω
3.9
4.1
V
VOL
V+ = 5 V, V– = 0 V
RL = 10 k
Ω
100
500
µV
COMMON-MODE
REJECTION
CMR
V+ = 5 V, V– = 0 V,
0 V < VCM < 3.5 V
85
105
dB
VS =
±15 V,
15 V < VCM < 13.5 V
95
115
dB
POWER SUPPLY
REJECTION RATIO
PSRR
3.2
10
µV/V
SUPPLY CURRENT
ISY
VS =
±1.5 V
15
25
µA
VS =
±15 V
19
30
µA
NOTE
*Guaranteed by CMR test.
ELECTRICAL CHARACTERISTICS
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com