Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL Datasheet HTML 4Page - Anpec Electronics Coropration APL Datasheet HTML 5Page - Anpec Electronics Coropration APL Datasheet HTML 6Page - Anpec Electronics Coropration APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration APL Datasheet HTML 10Page - Anpec Electronics Coropration APL Datasheet HTML 11Page - Anpec Electronics Coropration APL Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
8
Package Information
SOT-223
VIEW A
L
GAUGE PLANE
SEATING PLANE
D
e1
e
b2
SEE
VIEW A
c
b
S
Y
M
B
O
L
MIN.
MAX.
1.80
0.02
0.66
0.84
2.90
3.10
0.23
0.33
0.10
6.70
A
A1
b
b2
c
D
E
E1
e
MILLIMETERS
A2
1.50
1.70
2.30 BSC
SOT-223
3.30
3.70
6.30
6.70
7.30
0.091 BSC
MIN.
MAX.
INCHES
0.071
0.001
0.059
0.067
0.026
0.033
0.114
0.122
0.009
0.013
0.264
0.130
0.146
0.248
0.264
0.287
0.004
0
L
0.75
0.030
e1
4.60 BSC
0.181 BSC
°
10
°
0
°
10
°
0
Note : 1. Follow from JEDEC TO-261 AA.
2. Dimension D and E1 are determined at the outermost extremes
of the plastic exclusive of mold flash, tie bar burrs, gate burrs,
and interlead flash, but including any mismatch between the top
and bottom of the plastic body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com