Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration APL Datasheet HTML 10Page - Anpec Electronics Coropration APL Datasheet HTML 11Page - Anpec Electronics Coropration APL Datasheet HTML 12Page - Anpec Electronics Coropration APL Datasheet HTML 13Page - Anpec Electronics Coropration APL Datasheet HTML 14Page - Anpec Electronics Coropration APL Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
11
Package Information
TO-263-3
b2
e
L
VIEW A
GAUGE PLANE
SEATING PLANE
SEE VIEW A
E
A
c2
b
c
E1
Y
M
B
O
L
MIN.
MAX.
4.83
0.00
1.14
1.78
0.38
0.74
1.14
1.65
0.25
6.00
A1
b2
c
c2
D
D1
E
MILLIMETERS
b
0.51
0.99
2.54 BSC
TO-263
9.65
11.43
6.22
0.100 BSC
MIN.
MAX.
INCHES
0.190
0.000
0.020
0.039
0.045
0.070
0.015
0.029
0.045
0.065
0.236
0.380
0.450
0.245
4.06
0.160
0.010
E1
0.380
0.066
0.110
L2
L
L1
e
1.78
8.38
9.65
1.68
2.79
0.070
0.330
H
14.61
15.88
0.575
0.625
1.78
0.070
9.00
9.00
0.354
0.354
Note : Follow JEDEC TO-263 AB.
S
A
0
8
0
8
θ
o
o
o
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com