Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL Datasheet HTML 1Page - Anpec Electronics Coropration APL Datasheet HTML 2Page - Anpec Electronics Coropration APL Datasheet HTML 3Page - Anpec Electronics Coropration APL Datasheet HTML 4Page - Anpec Electronics Coropration APL Datasheet HTML 5Page - Anpec Electronics Coropration APL Datasheet HTML 6Page - Anpec Electronics Coropration APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VI
Input Voltage
15
V
PD
Power Dissipation, TA=25
°C
SOT-223
TO-252
1.7
2
W
θ
JA
Thermal Resistance from Junction to Ambient in Free Air
SOT-223
TO-252
60
50
°C/W
TJ
Operating Junction Temperature Range
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1,2)
Note 1: Stresses beyond the absolute maximum rating may damage the device and operating in the absolute maximum rating conditions
may affect device reliability.
Note 2: The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using:
P
D (max) = (TJ – T A) / θJA; TJ = 125°C. Exceeding the maximum allowable power dissipation will result in excessive die
temperature.
APL1086
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
10mA
≤ I
OUT
≤1.5A,
1.4V
≤(V
IN -VOUT)
≤9.75V, T
J =0~125
°C
1.225
1.250
1.275
V
Output Voltage
APL1086-18
TJ =25°C, IOUT =0mA,
TJ =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 3.5V≤V
IN
≤9V,
1.782
1.764
1.800
1.800
1.818
1.836
APL1086-25
TJ =25°C, IOUT =0mA,
TJ =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 4V≤V
IN
≤9V,
2.475
2.450
2.500
2.500
2.525
2.550
APL1086-28
TJ =25°C, IOUT =0mA,
TJ =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 4.25V≤V
IN
≤9V,
2.822
2.792
2.850
2.850
2.878
2.910
VOUT
APL1086-33
TJ =25°C, IOUT =0mA,
TJ =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 4.75V≤V
IN
≤9V,
3.267
3.235
3.3003.
300
3.333
3.365
V
Line Regulation
APL1086
TJ =0~125
°C
IOUT=10mA, 1.5V
≤V
IN –VOUT
≤9V (Note3)
-
0.03
0.2
%
APL1086-18 IOUT=0mA, 3.5V
≤V
IN
≤9V (Note3)
-
1
6
APL1086-25 IOUT=0A, 4V
≤V
IN
≤9V (Note3)
-
1
6
APL1086-28 IOUT=0A, 4.25V
≤V
IN
≤9V (Note3)
-
1
6
REGLINE
APL1086-33 IOUT=0A, 4.75V
≤V
IN
≤ 9V (Note3)
-
1
6
mV
Load Regulation
APL1086
TJ =0~125
°C
(VIN -VOUT)=3V, 0
≤ I
OUT
≤1.5A (Note3)
-
0.1
0.4
%
APL1086-18 VIN =3.5V, 0
≤ I
OUT
≤1.5A (Note3)
-
1
10
APL1086-25 VIN =4V, 0
≤ I
OUT
≤1.5A (Note3)
-
1
10
APL1086-28 VIN =4.25V, 0
≤ I
OUT
≤1.5A (Note3)
-
1
10
REGLOAD
APL1086-33 VIN =4.75V, 0
≤ I
OUT
≤1.5A (Note3)
-
1
10
mV
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com