Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL Datasheet HTML 1Page - Anpec Electronics Coropration APL Datasheet HTML 2Page - Anpec Electronics Coropration APL Datasheet HTML 3Page - Anpec Electronics Coropration APL Datasheet HTML 4Page - Anpec Electronics Coropration APL Datasheet HTML 5Page - Anpec Electronics Coropration APL Datasheet HTML 6Page - Anpec Electronics Coropration APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APL1086
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VD
Dropout Voltage
IOUT=1.5A ,TJ =0~125
°C (Note4)
-
1.3
1.45
V
ILIMIT
Current Limit
(VIN -VOUT)=5V, TJ =25
°C
1500
-
-
mA
IADJ
Adjust Pin Current
(VIN -VOUT)=3V, IOUT=10mA,
TJ =0~125
°C
-
60
120
µA
∆I
ADJ
Adjust Pin Current Change
TJ
=0~125°C, 10mA≤ I
OUT
≤1.5A,
1.4V
≤( V
IN -VOUT)
≤7.75V
-
0.2
5
µA
IO
Minimum Load Current
TJ =0~125
°C, (V
IN -VOUT)=7.75V,
(Note 5)
-
1.7
-
mA
PSRR
Ripple Rejection
FRIPPLE=120Hz, VRIPPLE=1VP-P,
(VIN -VOUT)=3V, TJ =0~125
°C
60
75
-
dB
TR
Thermal Regulation
TJ =25
°C, 30ms Pulse
-
0.01
0.02
%/ W
TS
Temperature Stability
-
0.5
-
%
LS
Long -Term Stability
TJ =125
°C,1000Hrs.
-
0.3
-
%
VN
RMS Output Noise
TJ=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
-
0.003
-
%
at Tab, SOT-223
-
15
-
θ
JC
Thermal Resistance from
Junction to Case
at Tab, TO-252
-
6
-
°C/ W
OT
Over Temperature Point
-
150
-
°C
Quiescent Current
APL1086-18
TJ=0~125
°C,
VIN
≤9V
-
5.5
10
APL1086-25 VIN
≤9V
-
5.5
10
APL1086-28 VIN
≤9V
-
5.5
10
APL1086-33 VIN
≤9V
-
5.5
10
mA
Note 3: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are
measured at a constant junction temperature by low duty cycle pulse testing.
Note 4: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 5: Minimum load current is defined as the minimum output current required to maintain regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com