Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL Datasheet HTML 1Page - Anpec Electronics Coropration APL Datasheet HTML 2Page - Anpec Electronics Coropration APL Datasheet HTML 3Page - Anpec Electronics Coropration APL Datasheet HTML 4Page - Anpec Electronics Coropration APL Datasheet HTML 5Page - Anpec Electronics Coropration APL Datasheet HTML 6Page - Anpec Electronics Coropration APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed
1.8V, 2.5V, 2.85V, and 3.3V
•
Guaranteed Output Voltage Accuracy within 2%
•
Fast Transient Response
•
Guaranteed Dropout Voltage at Multiple Currents
•
Load Regulation : 0.1% Typ.
•
Line Regulation : 0.03% Typ.
•
Low Dropout Voltage : 1.3V Typ. at I
OUT =1.5A
•
Current Limit : 1.5A Min. at T
J=125 °C
•
On-Chip Thermal Limiting : 150 °C Typ.
•
Adjustable Output : 1.25~10.7V
•
Standard 3-pin SOT-223, TO-252 , TO-220, and
TO-263 Power Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
General Description
The APL1086 is a low dropout three-terminal adjustable
regulators with 1.5A output current capability. In order to
obtain lower dropout voltage and faster transient
response, which is critical for low voltage applications,
the APL1086 has been optimized.
The device is available in an adjustable version and fixed
output voltages of 1.8V, 2.5V, 2.85V, and 3.3V, the output
available voltage range is from 1.25 to 10.7V with an input
supply below 12V. Dropout voltage is guaranteed at a
maximum of 1.45V at 1.5A.
Current limit is trimmed to ensure specified output cur-
rent and controlled short-circuit current. On-chip thermal
limiting provides protection against any combination of
o ve r l o a d t h a t wo u l d c r e a t e e xc e s s i ve j u n c t i o n
temperatures.
The APL1086 is available in the industry standard 3-pin
SOT-223, TO-252, TO-220, or TO-263 power packages.
•
Active SCSI Terminators
•
Low Voltage Logic Supplies
•
Battery-Powered Circuitry
•
Post Regulator for Switching Power Supply
Simplified Application Circuits
* C1 improves ripple rejection.
X
C should be approximately
equal to R1 at ripple frequency
* Needed if device is far from filter capacitors
R1
R2
R1
1.250V
V OUT
+
×
=
V
IN
10
µ F
C
1*
V
OUT1
+
R1
R2
1k
APL1086
OUT
IN
ADJ
+
100
µ F
C
2
121
Ω
1.25V to 10.7V Adjustable Regulator
V
IN
10
µ F
APL1086
OUT
IN
ADJ
121
Ω
365
Ω
1%
1%
V
OUT
150
µ F
10
µ F
C1
R1
R2
+
+
Improving Ripple Rejection
V
IN
10
µ F
APL1086
OUT
IN
ADJ
TTL
121
Ω
365
Ω
1%
1%
+
1k
1k
100
µ F
5V
+
5V Regulator with Shutdown


Similar Part No. - APL

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
APL SENSATA-APL Datasheet
1Mb / 18P
Hydraulic Magnetic Circuit Protectors
logo
Anpec Electronics Corop...
APL 5916 ANPEC-APL 5916 Datasheet
366Kb / 20P
0.8V Reference Ultra Low Dropout (0.15V@7A) Linear Regulator
Rev. A.3 - Jan., 2009
logo
Festo Corporation.
APL-1N/H-PK-3 FESTO-APL-1N/H-PK-3 Datasheet
77Kb / 1P
Sub-base
APL-2N/3H-M5 FESTO-APL-2N/3H-M5 Datasheet
75Kb / 1P
Sub-base
logo
Advanced Semiconductor ...
APL0039.19-R ASB-APL0039.19-R Datasheet
202Kb / 2P
PLL Synthesizer Module
June 2010
More results

Similar Description - APL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com