Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration APL Datasheet HTML 10Page - Anpec Electronics Coropration APL Datasheet HTML 11Page - Anpec Electronics Coropration APL Datasheet HTML 12Page - Anpec Electronics Coropration APL Datasheet HTML 13Page - Anpec Electronics Coropration APL Datasheet HTML 14Page - Anpec Electronics Coropration APL Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
12
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00 50 MIN.
24.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN. 24.0±
0.30 1.75±
0.10 11.5±
0.10
P0
P1
P2
D0
D1
T
A0
B0
K0
TO-263
4.0±
0.10 16.0±
0.10 2.0±
0.10
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
10.8±
0.20 16.1±
0.20 5.2±
0.20
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00 50 MIN.
16.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN. 16.0±
0.30 1.75±
0.10 7.50±
0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
TO-252
4.0±
0.10
8.0±
0.10
2.0±
0.05
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
6.80±
0.20 10.40±
0.20 2.50±
0.20
Application
A
H
T1
C
d
D
W
E1
F
320.0±
2.00 50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN. 12.00±
0.30 1.75±
0.10 5.50±
0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
SOT-223
4.00±
0.10 8.00±
0.10 2.00±
0.50
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
6.90±
0.20 7.50±
0.20 2.10±
0.20
Carrier Tape & Reel Dimensions
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d
()
()
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com