Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL Datasheet HTML 1Page - Anpec Electronics Coropration APL Datasheet HTML 2Page - Anpec Electronics Coropration APL Datasheet HTML 3Page - Anpec Electronics Coropration APL Datasheet HTML 4Page - Anpec Electronics Coropration APL Datasheet HTML 5Page - Anpec Electronics Coropration APL Datasheet HTML 6Page - Anpec Electronics Coropration APL Datasheet HTML 7Page - Anpec Electronics Coropration APL Datasheet HTML 8Page - Anpec Electronics Coropration APL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configurations
TAB IS V
OUT
IN
OUT
ADJ/GND
1
2
3
TAB IS V
OUT
1
2
3
IN
OUT
ADJ/GND
Front View for SOT-223
Front View for TO-252
1
2
3
V
IN
V
OUT
ADJ
Front View for TO-220
1
2
3
V
IN
V
OUT
ADJ
TAB is V
OUT
Front View for TO-263
APL1086 -
Handling Code
Temperature Range
Package Code
Voltage Code
APL1086
XXXXX25
XXXXX - Date Code
APL1086- 25V :
APL1086
XXXXX33
XXXXX - Date Code
APL1086- 33V :
APL1086 -33F/G/U:
APL1086
XXXXX
33
APL1086 -25F/G/U:
APL1086
XXXXX
25
APL1086 -18F/G/U:
APL1086
XXXXX
- Date Code
XXXXX
18
APL1086
XXXXX18
XXXXX - Date Code
APL1086- 18V :
APL1086
XXXXX285
XXXXX - Date Code
APL1086- 285V :
APL1086 -285F/G/U:
APL1086
XXXXX
285
APL1086 F/G/U :
APL1086
XXXXX
XXXXX - Date Code
APL1086 V :
- Date Code
XXXXX
- Date Code
XXXXX
- Date Code
XXXXX
APL1086
XXXXX
- Date Code
XXXXX
Assembly Material
Package Code
F : TO-220
G : TO-263
U : TO-252
V : SOT-223
Operating Ambient Temperature Range
C : 0 to 70 oC
Handling Code
TU : Tube
TR : Tape & Reel
Voltage Code
18 : 1.8V
25 : 2.5V
285 : 2.85V
33 : 3.3V
Blank : Adjustable Version
Assembly Material
G : Halogen and Lead Free Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com