Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7708 Datasheet HTML 32Page - Analog Devices AD7708 Datasheet HTML 33Page - Analog Devices AD7708 Datasheet HTML 34Page - Analog Devices AD7708 Datasheet HTML 35Page - Analog Devices AD7708 Datasheet HTML 36Page - Analog Devices AD7708 Datasheet HTML 37Page - Analog Devices AD7708 Datasheet HTML 38Page - Analog Devices AD7708 Datasheet HTML 39Page - Analog Devices AD7708 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
REV. 0
–36–
AD7708/AD7718
AD7708/AD7718-to-ADSP-2103/ADSP-2105 Interface
Figure 21 shows an interface between the AD7708/AD7718 and
the ADSP-2103/ADSP-2105 DSP processor. In the interface
shown, the RDY bit of the Status Register is again monitored to
determine when the Data Register is updated. The alternative
scheme is to use an interrupt-driven system, in which case the
RDY output is connected to the IRQ2 input of the ADSP-2103/
ADSP-2105. The serial interface of the ADSP-2103/ADSP-2105
is set up for alternate framing mode. The
RFS and TFS pins of
the ADSP-2103/ADSP-2105 are configured as active low outputs
and the ADSP-2103/ADSP-2105 serial clock line, SCLK, is also
configured as an output. The
CS for the AD7708/AD7718 is
active when either the
RFS or TFS outputs from the ADSP-2103/
ADSP-2105 are active. The serial clock rate on the ADSP-
2103/ADSP-2105 should be limited to 3 MHz to ensure correct
operation with the AD7708/AD7718.
DIN
RESET
DVDD
CS
AD7708/
AD7718
SCLK
DOUT
SCLK
DT
DR
RFS
TFS
ADSP-2103 /
ADSP-2105
Figure 21. AD7708/AD7718-to-ADSP-2103/ADSP-2105
Interface
BASIC CONFIGURATION
The basic connection diagram for the AD7708/AD7718 in 10-
channel mode is shown in Figure 22. This shows both the AVDD
and DVDD pins of the converters being driven from the analog
5 V supply. Some applications will have AVDD and DVDD driven
from separate supplies. AVDD and DVDD can be operated inde-
pendently of each other, allowing the device to be operated with
5 V analog supply and 3 V digital supply or vice versa. The parts
can be operated in 8- or 10-channel configurations. In 8-channel
mode the user has two reference input options. This allows the
user to operate some channels in ratiometric mode and others
in absolute measurement mode. In 10-channel mode only one
reference option is available. An AD780/REF195, precision 2.5 V
reference, provides the reference source for the part. A quartz
crystal or ceramic resonator provides the 32.768 kHz master
clock source for the part. In some cases, it will be necessary to
connect capacitors on the crystal or resonator to ensure that it
does not oscillate at overtones of its fundamental operating fre-
quency. The values of capacitors will vary, depending on the
manufacturer’s specifications.
AD780 /
REF195
RECEIVE
(READ)
P1
P2
AIN6
AIN5
AIN4
AIN3
AIN2
AIN1
0.1 F
10 F
ANALOG 5V
SUPPLY
GND
VIN
VOUT
AGND
DGND
0.1 F
10 F
0.1 F
AVDD
DVDD
REF1IN(+)
REF1IN(–)
RESET
CS
DOUT
DIN
SCLK
MCLKIN
MCLKOUT
5V
CHIP
SELECT
SERIAL
DATA
(WRITE)
SERIAL
CLOCK
32kHz
CRYSTAL
ANALOG 5V
SUPPLY
AD7708/
AD7718
AIN8
AIN7
AIN9
AINCOM
AIN10
Figure 22. Basic Configuration for 10-Channel Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com