Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7708 Datasheet HTML 8Page - Analog Devices AD7708 Datasheet HTML 9Page - Analog Devices AD7708 Datasheet HTML 10Page - Analog Devices AD7708 Datasheet HTML 11Page - Analog Devices AD7708 Datasheet HTML 12Page - Analog Devices AD7708 Datasheet HTML 13Page - Analog Devices AD7708 Datasheet HTML 14Page - Analog Devices AD7708 Datasheet HTML 15Page - Analog Devices AD7708 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
REV. 0
–12–
AD7708/AD7718
PIN FUNCTION DESCRIPTIONS
Pin No
Mnemonic
Function
1
AIN7
Analog Input Channel 7. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the positive input of a fully-differential input
pair when used with AIN8. (See ADC Control Register section.)
2
AIN8
Analog Input Channel 8. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the negative input of a fully-differential input
pair when used with AIN7. (See ADC Control Register section.)
3AVDD
Analog Supply Voltage
4
AGND
Analog Ground
5
REFIN1(–)
Negative Reference Input. This reference input can lie anywhere between AGND and AVDD – 1 V.
6
REFIN1(+)
Positive reference input. REFIN(+) can lie anywhere between AVDD and AGND. The nominal
reference voltage [REFIN(+)–REFIN(–)] is 2.5 V but the part is functional with a reference
range from 1 V to AVDD.
7
AIN1
Analog Input Channel 1. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the positive input of a fully-differential input
pair when used with AIN2. (See ADC Control Register Section.)
8
AIN2
Analog Input Channel 2. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the negative input of a fully-differential input
pair when used with AIN1. (See ADC Control Register section.)
9
AIN3
Analog Input Channel 3. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the positive input of a fully-differential input
pair when used with AIN4. (See ADC Control Register section.)
10
AIN4
Analog Input Channel 4. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the negative input of a fully-differential input
pair when used with AIN3. (See ADC Control Register section.)
11
AIN5
Analog Input Channel 5. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the positive input of a fully-differential input
pair when used with AIN6. (See ADC Control Register section ADCCON.)
12
AINCOM
All analog inputs are referenced to this input when configured in pseudo-differential input mode.
13
REFIN2(+)/AIN9
Positive reference input/analog input. This input can be configured as a reference input with the
same characteristics as REFIN1(+) or as an additional analog input. When configured as an
analog input this pin provides a programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the positive input of a fully-differential input
pair when used with AIN10. (See ADC Control Register section.)
14
REFIN2(–)/AIN10
Negative reference input/analog input. This pin can be configured as a reference or analog input.
When configured as a reference input it provides the negative reference input for REFIN2.
When configured as an analog input it provides a programmable-gain analog input that can be
used as a pseudo-differential input when used with AINCOM, or as the negative input of a fully-
differential input pair when used with AIN9. (See ADC Control Register section.)
15
AIN6
Analog Input Channel 6. Programmable-gain analog input that can be used as a pseudo-
differential input when used with AINCOM, or as the negative input of a fully-differential input
pair when used with AIN5. (See ADC Control Register section.)
16
P2
P2 can act as a general-purpose Input/Output bit referenced between AVDD and AGND. There
is a weak pull-up to AVDD internally on this pin.
17
AGND
It is recommended that this pin be tied directly to AGND.
18
P1
P1 can act as a general-purpose Input/Output bit referenced between AVDD and AGND. There
is a weak pull-up to AVDD internally on this pin.
19
RESET
Digital input used to reset the ADC to its power-on-reset status. This pin has a weak pull-up
internally to DVDD.
20
SCLK
Serial clock input for data transfers to and from the ADC. The SCLK has a Schmitt-trigger
input making an opto-isolated interface more robust. The serial clock can be continuous with all
data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous clock
with the information being transmitted to or from the AD7708/AD7718 in smaller batches of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com