Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7708 Datasheet HTML 10Page - Analog Devices AD7708 Datasheet HTML 11Page - Analog Devices AD7708 Datasheet HTML 12Page - Analog Devices AD7708 Datasheet HTML 13Page - Analog Devices AD7708 Datasheet HTML 14Page - Analog Devices AD7708 Datasheet HTML 15Page - Analog Devices AD7708 Datasheet HTML 16Page - Analog Devices AD7708 Datasheet HTML 17Page - Analog Devices AD7708 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
REV. 0
–14–
AD7708/AD7718
READING NUMBER
8389600
8389400
8388000
0
1000
100
200
300
8389200
400
500
600
700
800
900
8389000
8388800
8388600
8388400
8388200
AVDD = DVDD = 5V
INPUT RANGE =
20mV
REFIN1(+)–REFIN1(–) = 2.5V
UPDATE RATE = 19.79Hz
TA = 25 C
VREF = 2.5V
RMS NOISE = 0.58 V rms
TPC 1. AD7718 Typical Noise Plot on
±20 mV Input Range
with 19.79 Hz Update Rate
8
7
0
6
5
4
3
2
1
9
TPC 2. AD7718 Noise Distribution Histogram
2.5
0
1.0
3.0
2.5
2.0
1.5
3.5
5.0
4.5
4.0
2.0
1.5
1.0
0.5
3.0
VREF – V
20mV RANGE
2.56V RANGE
AVDD = DVDD = 5V
VREF = 2.5V
INPUT RANGE =
2.56V
UPDATE RATE = 19.79Hz
TA = 25 C
TPC 3. RMS Noise vs. Reference Input
(AD7718 andAD7708)
16
040
30
20
10
50
100
90
80
70
60
24
22
20
18
26
UPDATE RATE – Hz
110
CHOP = 0
TPC 4. AD7718 No-Missing Codes Performance
32767
100
0
200
400
300
32771
32770
32769
32768
32772
READING NUMBER
500
32766
32765
32764
600
700
800
900
1000
AVDD = DVDD = 5V
INPUT RANGE =
20mV
UPDATE RATE = 19.79Hz
VREF = 2.5V
TA = 25 C
TPC 5. AD7708 Typical Noise Plot on
±20 mV Input Range
200
32767
32766
32768
32770
32769
600
500
400
300
700
CODE
32771
100
0
TPC 6. AD7708 Noise Histogram
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com