| Electronic Components Datasheet Search |
|
AD7708 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7708 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 44 page ![]() REV. 0 –22– AD7708/AD7718 ON-CHIP REGISTERS The AD7708 and AD7718 are controlled and configured via a number of on-chip registers which are shown in Figure 15. The first of these registers is the communications register which is used to control all operations on these converters. All communications with these parts must start with a write to the communications register to specify the next operation to be performed. After a power-on or RESET, the device defaults to waiting for a write to the communications register. The STATUS register contains information pertaining to the operat- ing conditions of the converter. The STATUS register is a read only register. The MODE register is used to configure the con- version mode, calibration, chop enable/disable, reference select, channel configuration and buffered or unbuffered operation on the AINCOM analog input. The MODE register is a read/write register. The ADC Control register is a read/write register used to select the active channel and program its input range and bipolar/unipolar operation. The I/O control register is a read/ write register used to configure the operation of the 2-pin I/O port. The filter register is a read/write register used to program the data update rate of the converter. The ADC Data register is a read only register that contains the result of a data conversion on the selected channel. The ADC offset registers are read/write registers that contain the offset calibration data. There are five offset registers, one for each of the fully differential input channels. When configured for pseudo-differential input mode the chan- nels share offset registers. The ADC gain registers are read/write registers that contain the gain calibration data. There are five ADC gain registers, one for each of the fully differential input channels. When configured for pseudo differential input mode the channels share gain registers. The ADC contains Test registers for factory use only, the user is advised not to alter the oper- ating conditions of these registers. The ID register is a read only register and is used for silicon identification purposes. The follow- ing sections contains more in-depth detail on all of these registers. In the following descriptions, SET implies a Logic 1 state and CLEARED implies a Logic 0 state unless otherwise stated. DOUT DOUT DOUT DIN DOUT DIN DOUT DIN DOUT DIN DOUT DOUT DIN DOUT DOUT WEN R/W 00 A1 A2 A3 A0 COMMUNICATIONS REGISTER DOUT DIN DIN REGISTER SELECT DECODER ADC DATA REGISTER STATUS REGISTER MODE REGISTER ADC CONTROL REGISTER I/O CONTROL REGISTER FILTER REGISTER ID REGISTER TEST REGISTER ADC GAIN REGISTER ADC OFFSET REGISTER DIN DIN Figure 15. On-Chip Registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |