Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 38 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7708 Datasheet HTML 34Page - Analog Devices AD7708 Datasheet HTML 35Page - Analog Devices AD7708 Datasheet HTML 36Page - Analog Devices AD7708 Datasheet HTML 37Page - Analog Devices AD7708 Datasheet HTML 38Page - Analog Devices AD7708 Datasheet HTML 39Page - Analog Devices AD7708 Datasheet HTML 40Page - Analog Devices AD7708 Datasheet HTML 41Page - Analog Devices AD7708 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
REV. 0
–38–
AD7708/AD7718
Nonchop Mode of Operation (
CHOP = 1)
Chopping is enabled and disabled using the
CHOP bit in the
mode register. Chopping is disabled by loading a 1 to the chop
bit in the mode register. With chopping disabled the available
output rates vary from 16.06 Hz (62.26 ms) to 1365.33 Hz (0.73 ms).
The range of applicable SF words is from 3 to 255. When the
chopping is disabled the channel output data rate is increased by a
factor of 3 compared to the situation when chopping is enabled
and using the same SF word. When used in multiplexed
applications, operation with chop disabled will offer the best
throughput time when cycling through all channels. The drawback
with chop disabled is that the drift performance is degraded
and calibration is required following a gain change or significant
temperature change. The output update and filter decimation
rate is again controlled by the SF word loaded to the filter
register. The digital filter frequency response places sinc
3
notches at integer multiples of the update rate. The output
update rate f
f
SF
ADC
MOD
=
×
8
. The AD7708/AD7718 are targeted
at multiplexed applications and therefore operating with chop
disabled optimizes channel throughput time. One of the key
requirements in these applications is the selection of an SF word
so as to obtain the maximum filter rejection at 50 Hz and 60 Hz
while minimizing the channel throughput rate. This is achieved
with an SF word of 75 giving 57 dB rejection at 50 Hz, and
60 dB rejection at 60 Hz while offering a channel throughput
time of 55 ms. Using a higher SF word of 151, 50 Hz and
60 Hz rejection can be maximized at 60 dB with a channel
throughput rate of 110 ms. An SF word of 255 gives maximum
rejection at both 50 Hz and 60 Hz but the channel throughput
rate is restricted to 186 ms. Table XXI shows a quick comparison
of normal mode 50 Hz and 60 Hz rejection, settling time, and
update rate for a selection of SF words with chop both enabled
and disabled.
Programmable Gain Amplifier
The output from the buffer is applied to the input of the program-
mable gain amplifier (PGA). The PGA gain range is programmed
via the range bits in the ADCCON register. The PGA has eight
ranges. With an external 2.5 V reference applied, and a PGA
setting of 128, the unipolar analog input range is 0 mV to 20 mV,
while the bipolar analog input range is
±20 mV. With a PGA
setting of 1, the unipolar and bipolar input ranges are 2.56 V.
When operating with chop mode enabled (
CHOP = 0), the ADC
range-matching specification of 2
µV (typ) across all ranges
means that calibration need only be carried out on a single
range and does not have to be repeated when the PGA range is
changed. This is a significant advantage when compared with
similar ADCs available on the market. Typical matching across
ranges is shown in Figure 25. Here, the ADC is configured in
fully-differential, bipolar mode with an external 2.5 V reference,
while an analog input voltage of just greater than 19 mV is forced
on its analog inputs. The ADC continuously converts the dc
voltage at an update rate of 5.35 Hz, i.e., SF = FFhex, 800
conversion results in total are gathered. The first 100 results are
gathered with the ADC operating with a PGA setting of 128.
19.367
100
0
200
400
300
19.371
19.370
19.369
19.368
19.372
500
19.366
19.365
19.364
600
700
800
SAMPLE COUNT
ADC RANGE
Figure 25. ADC Range Matching
The PGA setting is then switched to 64 and 100 more results
are gathered, and so on until the last 100 samples are gathered
with a PGA setting of 1. From Figure 25, the variation in the sample
mean through each range, i.e., the range matching, is seen to be
of the order of 2
µV. When operating with chop mode disabled
(
CHOP = 1), new calibration data is needed (but not necessarily
a new calibration) to remove offset error when switching channels.
Bipolar/Unipolar Configuration
The analog inputs on the AD7708/AD7718 can accept either
unipolar or bipolar input voltage ranges. Bipolar input ranges
does not imply that the part can handle negative voltages with
respect to system AGND. Signals in pseudo-differential mode
are referenced to AINCOM, while in fully differential mode they
are referenced to the negative input of the differential input. For
example, if AINCOM is 2.5 V and the AD7708/AD7718 AIN1
analog input is configured for an analog input range of 0 mV to
+20 mV, the input voltage range on the AIN1 input is 2.5 V to
2.52 V. If AINCOM is 2.5 V and the AD7708/AD7718 is con-
figured for an analog input range of
±1.28 V, the analog input
range on the AIN1 input is 1.22 V to 3.78 V (i.e., 2.5 V
±
1.28 V). Bipolar or unipolar options are chosen by programming
U/
B bit in the ADCCON register. Programming for either
unipolar or bipolar operation does not change any of the input
signal conditioning; it simply changes the data output coding
and the points on the transfer function where calibrations occur.
Data Output Coding
When the AD7718 is configured for unipolar operation, the out-
put coding is natural (straight) binary with a zero differential
input voltage resulting in a code of 000 . . . 000, a midscale
voltage resulting in a code of 100 . . . 000, and a full-scale input
voltage resulting in a code of 111 . . . 111. The output code for
any analog input voltage can be represented as follows:
Code = (AIN
× GAIN × 224)/(1.024 × VREF)
where
AIN is the analog input voltage,
GAIN is the PGA gain, i.e., 1 on the 2.5 V range and 128 on
the 20 mV range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com