Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7708 Datasheet HTML 5Page - Analog Devices AD7708 Datasheet HTML 6Page - Analog Devices AD7708 Datasheet HTML 7Page - Analog Devices AD7708 Datasheet HTML 8Page - Analog Devices AD7708 Datasheet HTML 9Page - Analog Devices AD7708 Datasheet HTML 10Page - Analog Devices AD7708 Datasheet HTML 11Page - Analog Devices AD7708 Datasheet HTML 12Page - Analog Devices AD7708 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
REV. 0
AD7708/AD7718
–9–
TIMING CHARACTERISTICS1, 2 (AV
DD = 2.7 V to 3.6 V or AVDD = 5 V
5%; DVDD = 2.7 V to 3.6 V or DVDD = 5 V
5%; AGND =
DGND = 0 V; XTAL = 32.768 kHz; Input Logic 0 = 0 V, Logic 1 = DVDD unless otherwise noted.
Limit at TMIN, TMAX
Parameter
(B Version)
Unit
Conditions/Comments
t1
32.768
kHz typ
Crystal Oscillator Frequency
t2
50
ns min
RESET Pulsewidth
Read Operation
t3
0
ns min
RDY to CS Setup Time
t4
0
ns min
CS Falling Edge to SCLK Active Edge Setup Time3
t5
4
0
ns min
SCLK Active Edge to Data Valid Delay3
60
ns max
DVDD = 4.5 V to 5.5 V
80
ns max
DVDD = 2.7 V to 3.6 V
t5A
4, 5
0
ns min
CS Falling Edge to Data Valid Delay3
60
ns max
DVDD = 4.5 V to 5.5 V
80
ns max
DVDD = 2.7 V to 3.6 V
t6
100
ns min
SCLK High Pulsewidth
t7
100
ns min
SCLK Low Pulsewidth
t8
0
ns min
CS Rising Edge to SCLK Inactive Edge Hold Time3
t9
6
10
ns min
Bus Relinquish Time after SCLK Inactive Edge3
80
ns max
t10
100
ns max
SCLK Active Edge to
RDY High3, 7
Write Operation
t11
0
ns min
CS Falling Edge to SCLK Active Edge Setup Time3
t12
30
ns min
Data Valid to SCLK Edge Setup Time
t13
25
ns min
Data Valid to SCLK Edge Hold Time
t14
100
ns min
SCLK High Pulsewidth
t15
100
ns min
SCLK Low Pulsewidth
t16
0
ns min
CS Rising Edge to SCLK Edge Hold Time
NOTES
1Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of DV
DD) and timed from a voltage
level of 1.6 V.
2See Figures 1 and 2.
3SCLK active edge is falling edge of SCLK.
4These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross the V
OL or VOH limits.
5This specification only comes into play if CS goes low while SCLK is low. It is required primarily for interfacing to DSP machines.
6These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the load circuit of Figure 1. The measured number is
then extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true
bus relinquish times of the part and as such are independent of external bus loading capacitances.
7
RDY returns high after the first read from the device after an output update. The same data can be read again, if required, while RDY is high, although care should
be taken that subsequent reads do not occur close to the next output update.
Specifications subject to change without notice.
TO OUTPUT
PIN
50pF
ISINK
ISOURCE
1.6V
(1.6mA WITH DVDD = 5V
100 A WITH DVDD = 3V)
(200 A WITH DVDD = 5V
100 A WITH DVDD = 3V)
Figure 1. Load Circuit for Timing Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com