Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7708 Datasheet HTML 21Page - Analog Devices AD7708 Datasheet HTML 22Page - Analog Devices AD7708 Datasheet HTML 23Page - Analog Devices AD7708 Datasheet HTML 24Page - Analog Devices AD7708 Datasheet HTML 25Page - Analog Devices AD7708 Datasheet HTML 26Page - Analog Devices AD7708 Datasheet HTML 27Page - Analog Devices AD7708 Datasheet HTML 28Page - Analog Devices AD7708 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
REV. 0
AD7708/AD7718
–25–
Communications Register (A3, A2, A1, A0 = 0, 0, 0, 0)
The Communications Register is an 8-bit write-only register. All communications to the part must start with a write operation to the
Communications Register. The data written to the Communications Register determines whether the next operation is a read or write
operation, the type of read operation, and on which register this operation takes place. For read or write operations, once the subse-
quent read or write operation to the selected register is complete, the interface returns to where it expects a write operation to the
Communications Register. This is the default state of the interface and, on power-up or after a
RESET, the AD7708/AD7718 is in
this default state waiting for a write operation to the Communications Register. In situations where the interface sequence is lost, a
write operation of at least 32 serial clock cycles with DIN high returns the AD7708/AD7718 to this default state by resetting the part.
Table XII outlines the bit designations for the Communications Register. CR0 through CR7 indicate the bit location, CR denoting
the bits are in the Communications Register. CR7 denotes the first bit of the data stream.
7
R
C6
R
C5
R
C4
R
C3
R
C2
R
C1
R
C0
R
C
N
E
W
)
0
(
/
R
W
)
0
()
0
(
0)
0
(
0)
0
(
3
A)
0
(
2
A)
0
(
1
A)
0
(
0
A
Table XII. Communications Register Bit Designations
Bit
Bit
Location
Mnemonic
Description
CR7
WEN
Write Enable Bit. A 0 must be written to this bit so the write operation to the Communications Register
actually takes place. If a 1 is written to this bit, the part will not clock on to subsequent bits in the regis
ter. It will stay at this bit location until a 0 is written to this bit. Once a 0 is written to the
WEN bit, the
next seven bits will be loaded to the Communications Register.
CR6
R/
W
A zero in this bit location indicates that the next operation will be a write to a specified register. A one in
this position indicates that the next operation will be a read from the designated register.
CR5
0
A zero must be written to this bit position to ensure correct operation of the AD7708/AD7718.
CR4
0
A zero must be written to this bit position to ensure correct operation of the AD7708/AD7718.
CR3–CR0
A3–A0
Register Address Bits. These address bits are used to select which of the AD7708/AD7718’s registers are
being accessed during this serial interface communication. A3 is the MSB of the three selection bits.
Table XIII. Register Selection Table
A3
A2
A1
A0
Register
0000Communications Register during a Write Operation
0000
Status Register during a Read Operation
0001Mode Register
0010
ADC Control Register
0011
Filter Register
0100
ADC Data Register
0101
ADC Offset Register
0110
ADC Gain Register
0111I/O Control Register
1000Undefined
1001Undefined
1010Undefined
1011Undefined
1100Test 1 Register
1101Test 2 Register
1110Undefined
1111ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com