Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 32Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 33Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 34Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 35Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 36Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 37Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 38Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 39Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
AD9517-0
Data Sheet
Rev. E | Page 36 of 80
By using combinations of the DM and FD modes, the AD9517
can achieve values of N all the way down to N = 1 and up to
N = 26,2175. Table 28 shows how a 10 MHz reference input can
be locked to any integer multiple of N.
Note that the same value of N can be derived in different ways,
as illustrated by the case of N = 12. The user can choose a fixed
divide mode of P = 2 with B = 6; use the dual modulus mode of
2/3 with A = 0, B = 6; or use the dual modulus mode of 4/5 with
A = 0, B = 3.
The maximum frequency into the prescaler in 2/3 dual-modulus
mode is limited to 200 MHz. There are only two cases where
this frequency limitation limits the flexibility of that N divider:
N = 7 and N = 11. In these two cases, the maximum frequency
into the prescaler is 300 MHz and is achieved by using the P = 1
FD mode. In all other cases, the user can achieve the desired N
divider value by using the other prescaler modes.
A and B Counters
The B counter must be ≥3 or bypassed, and, unlike the R counter,
A = 0 is actually zero.
When the prescaler is in dual-modulus mode, the A counter
must be less than the B counter.
The maximum input frequency to the A/B counter is reflected
in the maximum prescaler output frequency (~300 MHz) that is
specified in Table 2. This is the prescaler input frequency (VCO or
CLK) divided by P. For example, a dual modulus mode of P = 8/9
is not allowed if the VCO frequency is greater than 2400 MHz
because the frequency going to the A/B counter is too high.
When the AD9517 B counter is bypassed (B = 1), the A counter
should be set to 0, and the overall resulting divide is equal to the
prescaler setting, P. The possible divide ratios in this mode are
1, 2, 3, 4, 8, 16, and 32. This mode is useful only when an external
VCO/VCXO is used because the frequency range of the internal
VCO requires an overall feedback divider greater than 32.
Although manual reset is not normally required, the A/B counters
have their own reset bit. Alternatively, the A and B counters can be
reset using the shared reset bit of the R, A, and B counters. Note
that these reset bits are not self-clearing.
R, A, and B Counters—SYNC Pin Reset
The R, A, and B counters can also be reset simultaneously through
the SYNC pin. This function is controlled by Register 0x019[7:6]
(see Table 54). The SYNC pin reset is disabled by default.
R and N Divider Delays
Both the R and N dividers feature a programmable delay cell.
These delays can be enabled to allow adjustment of the phase
relationship between the PLL reference clock and the VCO or
CLK. Each delay is controlled by three bits. The total delay
range is about 1 ns. See Register 0x019 in Table 54.
Table 28. Using a 10 MHz Reference Input to Generate Different VCO Frequencies
fREF
(MHz)
R
P
A
B
N
fVCO
(MHz)
Mode
Comments/Conditions
10
1
1
X
1
1
10
FD
P = 1, B = 1 (A and B counters are bypassed).
10
1
2
X
1
2
20
FD
P = 2, B = 1 (A and B counters are bypassed).
10
1
1
X
3
3
30
FD
A counter is bypassed.
10
1
1
X
4
4
40
FD
A counter is bypassed.
10
1
1
X
5
5
50
FD
A counter is bypassed.
10
1
2
X
3
6
60
FD
A counter is bypassed.
10
1
2
0
3
6
60
DM
10
1
2
1
3
7
70
DM
Maximum frequency into prescaler in P = 2/3 mode is 200 MHz.
If N = 7 or N = 11 is desired for prescaler input frequency of 200 MHz
to 300 MHz, use P = 1, and N = 7 or 11, respectively.
10
1
2
2
3
8
80
DM
10
1
2
1
4
9
90
DM
10
1
8
6
18
150
1500
DM
10
1
8
7
18
151
1510
DM
10
1
16
7
9
151
1510
DM
10
10
32
6
47
1510
1510
DM
10
1
8
0
25
200
2000
DM
10
1
16
14
16
270
2700
DM
P = 8 is not allowed (2700 ÷ 8 > 300 MHz).
P = 32 is not allowed (A > B not allowed).
10
10
32
22
84
2710
2710
DM
P = 32, A = 22, B = 84.
P = 16 is also permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com