Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 11Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 12Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 13Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 14Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 15Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 16Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 17Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 18Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Data Sheet
AD9517-0
Rev. E | Page 15 of 80
POWER DISSIPATION
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION, CHIP
Power-On Default
1.0
1.2
W
No clock; no programming; default register values;
does not include power dissipated in external resistors
Full Operation; CMOS Outputs at 229 MHz
1.4
2.0
W
PLL on; internal VCO = 2750 MHz; VCO divider = 2;
all channel dividers on; four LVPECL outputs at 687.5 MHz;
eight CMOS outputs (10 pF load) at 229 MHz; all fine delay on,
maximum current; does not include power dissipated in
external resistors
Full Operation; LVDS Outputs at 200 MHz
1.4
2.1
W
PLL on; internal VCO = 2800 MHz, VCO divider = 2;
all channel dividers on; four LVPECL outputs at 700 MHz;
four LVDS outputs at 200 MHz; all fine delay on, maximum
current; does not include power dissipated in external resistors
PD Power-Down
75
185
mW
PD pin pulled low; does not include power dissipated in
terminations
PD Power-Down, Maximum Sleep
31
mW
PD pin pulled low; PLL power-down, Register 0x010[1:0] = 01b;
SYNC power-down, Register 0x230[2] = 1b; REF for distribution
power-down, Register 0x230[1] = 1b
VCP Supply
4
4.8
mW
PLL operating; typical closed-loop configuration
POWER DELTAS, INDIVIDUAL FUNCTIONS
Power delta when a function is enabled/disabled
VCO Divider
30
mW
VCO divider bypassed
REFIN (Differential)
20
mW
All references off to differential reference enabled
REF1, REF2 (Single-Ended)
4
mW
All references off to REF1 or REF2 enabled; differential
reference not enabled
VCO
70
mW
CLK input selected to VCO selected
PLL
75
mW
PLL off to PLL on, normal operation; no reference enabled
Channel Divider
30
mW
Divider bypassed to divide-by-2 to divide-by-32
LVPECL Channel (Divider Plus Output Driver)
160
mW
No LVPECL output on to one LVPECL output on, independent
of frequency
LVPECL Driver
90
mW
Second LVPECL output turned on, same channel
LVDS Channel (Divider Plus Output Driver)
120
mW
No LVDS output on to one LVDS output on; see Figure 8 for
dependence on output frequency
LVDS Driver
50
mW
Second LVDS output turned on, same channel
CMOS Channel (Divider Plus Output Driver)
100
mW
Static; no CMOS output on to one CMOS output on; see
Figure 9 for variation over output frequency
CMOS Driver (Second in Pair)
0
mW
Static; second CMOS output, same pair, turned on
CMOS Driver (First in Second Pair)
30
mW
Static; first output, second pair, turned on
Fine Delay Block
50
mW
Delay block off to delay block enabled; maximum current setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com