Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 10Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 11Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 12Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 13Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 14Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 15Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 16Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 17Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
AD9517-0
Data Sheet
Rev. E | Page 14 of 80
PD, SYNC, AND RESET PINS
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS
These pins each have a 30 kΩ internal pull-up
resistor
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
1
µA
Logic 0 Current
110
µA
Capacitance
2
pF
RESET TIMING
Pulse Width Low
50
ns
SYNC TIMING
Pulse Width Low
1.5
High speed
clock cycles
High speed clock is CLK input signal
LD, STATUS, AND REFMON PINS
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
When selected as a digital output (CMOS);
there are other modes in which these pins
are not CMOS digital outputs; see Table 54,
Register 0x017, Register 0x01A, and
Register 0x01B
Output Voltage High (VOH)
2.7
V
Output Voltage Low (VOL)
0.4
V
MAXIMUM TOGGLE RATE
100
MHz
Applies when mux is set to any divider or
counter output, or PFD up/down pulse; also
applies in analog lock detect mode; usually
debug mode only; beware that spurs may
couple to output when any of these pins are
toggling
ANALOG LOCK DETECT
Capacitance
3
pF
On-chip capacitance; used to calculate RC
time constant for analog lock detect
readback; use a pull-up resistor
REF1, REF2, AND VCO FREQUENCY STATUS MONITOR
Normal Range
1.02
MHz
Frequency above which the monitor always
indicates the presence of the reference
Extended Range (REF1 and REF2 Only)
8
kHz
Frequency above which the monitor always
indicates the presence of the reference
LD PIN COMPARATOR
Trip Point
1.6
V
Hysteresis
260
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com