Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 58Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 59Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 60Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 61Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 62Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 63Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 64Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 65Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
AD9517-0
Data Sheet
Rev. E | Page 62 of 80
Reg.
Addr.
(Hex)
Bits
Name
Description
0x017
[1:0]
Antibacklash
1
0
Antibacklash Pulse Width (ns)
pulse width
0
0
2.9 (default). This is the recommended setting; it does not normally need to be changed.
0
1
1.3. This setting may be necessary if the PFD frequency > 50 MHz.
1
0
6.0.
1
1
2.9.
0x018
[6:5]
Lock detect
counter
Required consecutive number of PFD cycles with edges inside lock detect window before the DLD indicates a locked
condition.
6
5
PFD Cycles to Determine Lock
0
0
5 (default).
0
1
16.
1
0
64.
1
1
255.
4
Digital lock detect
window
If the time difference of the rising edges at the inputs to the PFD is less than the lock detect window time, the digital lock
detect flag is set. The flag remains set until the time difference is greater than the loss-of-lock threshold.
0: high range (default).
1: low range.
3
Disable digital
Digital lock detect operation.
lock detect
0: normal lock detect operation (default).
1: disables lock detect.
[2:1]
VCO cal divider
VCO calibration divider. Divider used to generate the VCO calibration clock from the PLL reference clock.
2
1
VCO Calibration Clock Divider
0
0
2. This setting is fine for PFD frequencies < 12.5 MHz. The PFD frequency is fREF/R.
0
1
4. This setting is fine for PFD frequencies < 25 MHz.
1
0
8. This setting is fine for PFD frequencies < 50 MHz.
1
1
16 (default). This setting is fine for any PFD frequency but also results in the longest VCO calibration time.
0
VCO cal now
Bit used to initiate the VCO calibration. This bit must be toggled from 0b to 1b in the active registers. To initiate
calibration, use the following three steps: first, ensure that the input reference signal is present; second, set to 0b (if
not zero already), followed by an update bit (Register 0x232, Bit 0); and third, program to 1b, followed by another update
bit (Register 0x232, Bit 0). Clearing this bit discards the VCO calibration and usually results in the PLL losing lock.
The user must ensure that the holdover enable bits in Register 0x01D = 00b during VCO calibration.
0x019
[7:6]
R, A, B counters
7
6
Action
SYNC pin reset
0
0
Does nothing on SYNC (default).
0
1
Asynchronous reset.
1
0
Synchronous reset.
1
1
Does nothing on SYNC.
[5:3]
R path delay
R path delay (default = 0x00) (see
Table 2).
[2:0]
N path delay
N path delay (default = 0x00) (see
Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com