Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 43Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 44Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 45Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 46Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 47Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 48Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 49Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 50Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Data Sheet
AD9517-0
Rev. E | Page 47 of 80
Calculating the Fine Delay
The following values and equations are used to calculate the
delay of the delay block.
IRAMP (µA) = 200 × (Ramp Current + 1)
Number of Capacitors = Number of Bits =
0 in Ramp Capacitors + 1
Example: 101 = 1 + 1 = 2; 110 = 1 + 1 = 2; 100 = 2 + 1 = 3;
001 = 2 + 1 = 3; 111 = 0 + 1 = 1.
Delay Range (ns) = 200 × ((No. of Caps + 3)/(IRAMP)) × 1.3286
( )
(
)
6
1
10
1600
0.34
ns
4
×


−
+
×
−
+
=
−
RAMP
RAMP
I
Caps
of
No.
I
Offset
Delay Full Scale (ns) = Delay Range + Offset
Fine Delay (ns) =
Delay Range × Delay Fraction × (1/63) + Offset
Note that only delay fraction values up to 47 decimal (101111b;
0x2F) are supported.
In no case can the fine delay exceed one-half of the output clock
period. If a delay longer than half of the clock period is attempted,
the output stops clocking.
The delay function adds some jitter that is greater than that
specified for the nondelayed output. This means that the delay
function should be used primarily for clocking digital chips,
such as FPGA, ASIC, DUC, and DDC. An output with this delay
enabled may not be suitable for clocking data converters. The
jitter is higher for long full scales because the delay block uses a
ramp and trip points to create the variable delay. A slower ramp
time produces more time jitter.
Synchronizing the Outputs—Sync Function
The AD9517 clock outputs can be synchronized to each other.
Outputs can be individually excluded from synchronization.
Synchronization consists of setting the nonexcluded outputs to
a preset set of static conditions and subsequently releasing these
outputs to continue clocking at the same instant with the preset
conditions applied. This allows for the alignment of the edges of
two or more outputs or for the spacing of edges according to the
coarse phase offset settings for two or more outputs.
Synchronization of the outputs is executed in several ways,
as follows:
•
By forcing the SYNC pin low and then releasing it (manual
sync).
•
By setting and then resetting any one of the following three
bits: the soft sync bit (Register 0x230[0]), the soft reset bit
(Register 0x000[2] [mirrored]), and the power-down
distribution reference bit (Register 0x230[1]).
•
By executing synchronization of the outputs as part of the
chip power-up sequence.
•
By forcing the RESET pin low and then releasing it (chip
reset).
•
By forcing the PD pin low and then releasing it (chip power-
down).
•
Following completion of a VCO calibration. An internal
SYNC signal is automatically asserted at the beginning of
a VCO calibration and then released upon its completion.
The most common way to execute the sync function is to use
the SYNC pin to do a manual synchronization of the outputs.
This requires a low-going signal on the SYNC pin, which is held
low and then released when synchronization is desired. The
timing of the sync operation is shown in Figure 57 (using VCO
divider) and Figure 58 (VCO divider not used). There is an
uncertainty of up to one cycle of the clock at the input to the
channel divider due to the asynchronous nature of the SYNC
signal with respect to the clock edges inside the AD9517. The
delay from the SYNC rising edge to the beginning of synchronized
output clocking is between 14 and 15 cycles of clock at the
channel divider input, plus either one cycle of the VCO divider
input (see Figure 57), or one cycle of the channel divider input
(see Figure 58), depending on whether the VCO divider is used.
Cycles are counted from the rising edge of the signal.
Another common way to execute the sync function is by setting
and resetting the soft sync bit at Register 0x230[0] (see Table 53
through Table 62 for details). Both the setting and resetting
of the soft sync bit require an update all registers operation
(Register 0x232[0] = 1) to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com