Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 14Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 15Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 16Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 17Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 18Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 19Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 20Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 21Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
AD9517-0
Data Sheet
Rev. E | Page 18 of 80
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
35
36
34
33
32
31
30
29
28
27
26
25
AD9517-0
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
CP
STATUS
CLK
VCP
REFMON
LD
NOTES
1. THE EXTERNAL PADDLE ON THE BOTTOM OF THE PACKAGE MUST BE
CONNECTED TO GROUND FOR PROPER OPERATION.
VS
REF_SEL
LF
SYNC
CLK
OUT7 (OUT7A)
OUT5 (OUT5A)
OUT6 (OUT6A)
OUT4 (OUT4A)
VS
VS
VS
VS
OUT6 (OUT6B)
OUT7 (OUT7B)
OUT5 (OUT5B)
OUT4 (OUT4B)
Figure 6. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
1
O
3.3 V CMOS
REFMON
Reference Monitor (Output). This pin has multiple selectable outputs; see Table 54,
Register 0x01B.
2
O
3.3 V CMOS
LD
Lock Detect (Output). This pin has multiple selectable outputs; see Table 54,
Register 0x01A.
3
I
Power
VCP
Power Supply for Charge Pump (CP); VS ≤ VCP ≤ 5.0 V. This pin is usually 3.3 V for
most applications; but if a 5 V external VCXO is used, this pin should be 5 V.
4
O
3.3 V CMOS
CP
Charge Pump (Output). Connects to external loop filter.
5
O
3.3 V CMOS
STATUS
Status (Output). This pin has multiple selectable outputs; see Table 54, Register 0x017.
6
I
3.3 V CMOS
REF_SEL
Reference Select. Selects REF1 (low) or REF2 (high). This pin has an internal 30 kΩ
pull-down resistor.
7
I
3.3 V CMOS
SYNC
Manual Synchronizations and Manual Holdover. This pin initiates a manual
synchronization and is also used for manual holdover. Active low. This pin has an
internal 30 kΩ pull-up resistor.
8
I
Loop filter
LF
Loop Filter (Input). Connects to VCO control voltage node internally. This pin has
31 pF of internal capacitance to ground, which may influence the loop filter design
for large loop bandwidths.
9
O
Loop filter
BYPASS
This pin is for bypassing the LDO to ground with a capacitor.
10, 24, 25,
30, 31, 36,
37, 43, 45
I
Power
VS
3.3 V Power Pins.
11
I
Differential
clock input
CLK
Along with CLK, this is the self-biased differential input for the clock distribution
section. This pin can be left floating if internal VCO is used.
12
I
Differential
clock input
CLK
Along with CLK, this is the self-biased differential input for the clock distribution
section. This pin can be left floating if internal VCO is used.
13
I
3.3 V CMOS
SCLK
Serial Control Port Data Clock Signal.
14
I
3.3 V CMOS
CS
Serial Control Port Chip Select; Active Low.
This pin has an internal 30 kΩ pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com