Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0A/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9517-0A/PCBZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0A/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9517-0A/PCBZ Datasheet HTML 3Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 4Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 5Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 6Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 7Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 8Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 9Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 10Page - Analog Devices AD9517-0A/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Data Sheet
AD9517-0
Rev. E | Page 7 of 80
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CMOS CLOCK OUTPUTS
OUT4A, OUT4B, OUT5A, OUT5B,
OUT6A, OUT6B, OUT7A, OUT7B
Single-ended; termination = 10 pF
Output Frequency
250
MHz
See Figure 27
Output Voltage
High (VOH)
VS − 0.1
V
At 1 mA load
Low (VOL)
0.1
V
At 1 mA load
Source Current
Exceeding these values can result in damage to the part
Static
20
mA
Dynamic
16
mA
Sink Current
Exceeding these values can result in damage to the part
Static
8
mA
Dynamic
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com