Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 5 Page - Analog Devices

  ADE7912 Datasheet HTML 1Page - Analog Devices ADE7912 Datasheet HTML 2Page - Analog Devices ADE7912 Datasheet HTML 3Page - Analog Devices ADE7912 Datasheet HTML 4Page - Analog Devices ADE7912 Datasheet HTML 5Page - Analog Devices ADE7912 Datasheet HTML 6Page - Analog Devices ADE7912 Datasheet HTML 7Page - Analog Devices ADE7912 Datasheet HTML 8Page - Analog Devices ADE7912 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 5 of 44
SPECIFICATIONS
VDD = 3.3 V ± 10%, GND = 0 V, on-chip reference, XTAL1 = 4.096 MHz, TMIN to TMAX = −40°C to +85°C, TA = 25°C (typical).
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUTS1
Pseudo Differential Signal Voltage Range
Between IP and IM Pins
−31.25
+31.25
mV peak
IM pin connected to GNDISO
Pseudo Differential Signal Voltage Range
Between V1P and VM Pins and Between
V2P and VM Pins
−500
+500
mV peak
Pseudo differential inputs between V1P and VM
pins and between V2P and VM pins; VM pin
connected to GNDISO
Maximum VM and IM Voltage
−25
+25
mV
Crosstalk
−90
dB
IP and IM inputs set to 0 V (GNDISO) when V1P and
V2P inputs at full scale
−105
dB
V2P and VM inputs set to 0 V (GNDISO) when IP
and V1P inputs at full scale; V1P and VM inputs
set to 0 V (GNDISO) when IP and V2P inputs at full
scale
Input Impedance to GNDISO (DC)
IP, IM, V1P, and V2P Pins
480
kΩ
VM Pin
240
kΩ
Current Channel ADC Offset Error
−2
mV
Voltage Channels ADC Offset Error
−35
mV
V2 channel applies to the ADE7913 only
ADC Offset Drift over Temperature
−500
+500
ppm/°C
V1 channel only
Gain Error
−4
+4
%
Gain Drift over Temperature
−135
+135
ppm/°C
Current channel
−65
+65
ppm/°C
V1 and V2 channels
AC Power Supply Rejection, PSR
−90
dB
VDD = 3.3 V + 120 mV rms (50 Hz/100 Hz),
IP = V1P = V2P = GNDISO
DC Power Supply Rejection, PSR
−80
dB
VDD = 3.3 V ± 330 mV dc, IP = 6.25 mV rms, V1P =
V2P = 100 mV rms
TEMPERATURE SENSOR
Accuracy
±5
°C
WAVEFORM SAMPLING—CURRENT CHANNEL1
Signal-to-Noise Ratio, SNR
67
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
68
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
72
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
74
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
Signal-to-Noise-and-Distortion Ratio, SINAD
66
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
68
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
72
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
73
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
Total Harmonic Distortion, THD
−79
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
−78
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
−82
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
−82
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
Spurious-Free Dynamic Range, SFDR
83
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
83
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
85
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
85
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
VOLTAGE CHANNELS1
Signal-to-Noise Ratio, SNR
72
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
74
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
77
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
79
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com